Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4580-I/ML Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC18F4580-I/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-I/ML Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC18F4580-I/ML Datasheet HTML 163Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 164Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 165Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 166Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 167Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 168Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 169Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 170Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 167
PIC18F2480/2580/4480/4580
16.0 CAPTURE/COMPARE/PWM
(CCP) MODULES
PIC18F2480/2580 devices have one CCP module.
PIC18F4480/4580
devices
have
two
CCP
(Capture/Compare/PWM) modules. CCP1, discussed
in this chapter, implements standard Capture,
Compare and Pulse-Width Modulation (PWM) modes.
ECCP1 implements an Enhanced PWM mode. The
ECCP implementation is discussed in Section 17.0
“Enhanced
Capture/Compare/PWM
(ECCP)
Module”.
The CCP1 module contains a 16-bit register which can
operate as a 16-bit Capture register, a 16-bit Compare
register or a PWM Master/Slave Duty Cycle register.
For the sake of clarity, all CCP module operation in the
following sections is described with respect to CCP1,
but is equally applicable to ECCP1.
Capture and Compare operations described in this
chapter apply to all standard and Enhanced CCP
modules. The operations of PWM mode, described in
Section 16.4 “PWM Mode”, apply to ECCP1 only.
REGISTER 16-1:
CCP1CON: CAPTURE/COMPARE/PWM CONTROL REGISTER
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
DC1B<1:0>: CCP1 Module PWM Duty Cycle bit 1 and bit 0
Capture mode:
Unused.
Compare mode:
Unused.
PWM mode:
These bits are the two LSbs (bit 1 and bit 0) of the 10-bit PWM duty cycle. The eight MSbs
(DC1B<9:2>) of the duty cycle are found in CCPR1L.
bit 3-0
CCP1M<3:0>: CCP1 Module Mode Select bits
0000 = Capture/Compare/PWM disabled (resets CCP1 module)
0001 = Reserved
0010 = Compare mode; toggle output on match (CCP1IF bit is set)
0011 = Reserved
0100 = Capture mode; every falling edge or CAN message received (time-stamp)(1)
0101 = Capture mode; every rising edge or CAN message received (time-stamp)(1)
0110 = Capture mode; every 4th rising edge or every 4th CAN message received (time-stamp)(1)
0111 = Capture mode; every 16th rising edge or every 16th CAN message received (time-stamp)(1)
1000 = Compare mode; initialize CCP1 pin low; on compare match, force CCP1 pin high
(CCPIF bit is set)
1001 = Compare mode; initialize CCP pin high; on compare match, force CCP1 pin low
(CCPIF bit is set)
1010 = Compare mode; generate software interrupt on compare match (CCP1IF bit is set,
CCP1 pin reflects I/O state)
1011 = Compare mode; trigger special event; reset timer (TMR1 or TMR3, CCP1IF bit is set)
11xx =PWM mode
Note 1:
Selected by CANCAP (CIOCON<4>) bit; overrides the CCP1 input pin source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com