Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4580-I/ML Datasheet(PDF) 172 Page - Microchip Technology

Part # PIC18F4580-I/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-I/ML Datasheet(HTML) 172 Page - Microchip Technology

Back Button PIC18F4580-I/ML Datasheet HTML 168Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 169Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 170Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 171Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 172Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 173Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 174Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 175Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 172
© 2009 Microchip Technology Inc.
TABLE 16-3:
REGISTERS ASSOCIATED WITH CAPTURE, COMPARE, TIMER1 AND TIMER3
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page:
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
55
RCON
IPEN
SBOREN(3)
—
RI
TO
PD
POR
BOR
56
IPR1
PSPIP
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
58
PIR1
PSPIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
58
PIE1
PSPIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
58
IPR2
OSCFIP
CMIP(2)
—
EEIP
BCLIP
HLVDIP
TMR3IP
ECCP1IP(2)
58
PIR2
OSCFIF
CMIF(2)
—
EEIF
BCLIF
HLVDIF
TMR3IF
ECCP1IF(2)
58
PIE2
OSCFIE
CMIE(2)
—
EEIE
BCLIE
HLVDIE
TMR3IE
ECCP1IE(2)
57
TRISB
PORTB Data Direction Register
58
TRISC
PORTC Data Direction Register
58
TMR1L
Timer1 Register Low Byte
56
TMR1H
Timer1 Register High Byte
56
T1CON
RD16
T1RUN
T1CKPS1 T1CKPS0 T1OSCEN
T1SYNC
TMR1CS
TMR1ON
56
TMR3H
Timer3 Register High Byte
57
TMR3L
Timer3 Register Low Byte
57
T3CON
RD16
T3ECCP1(1) T3CKPS1 T3CKPS0 T3CCP1(1) T3SYNC
TMR3CS
TMR3ON
57
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
57
CCPR1H
Capture/Compare/PWM Register 1 High Byte
57
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
57
ECCPR1L(1)
Enhanced Capture/Compare/PWM Register 1 Low Byte
57
ECCPR1H(1) Enhanced Capture/Compare/PWM Register 1 High Byte
57
ECCP1CON(1) EPWM1M1 EPWM1M0
EDC1B1
EDC1B0 ECCP1M3 ECCP1M2 ECCP1M1 ECCP1M0
57
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by capture, compare, Timer1 or Timer3.
Note 1:
These bits or registers are available on PIC18F4X80 devices only.
2:
These bits are available on PIC18F4X80 devices and reserved on PIC18F2X80 devices.
3:
The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise, it is disabled and reads as ‘0’. See
Section 5.4 “Brown-out Reset (BOR)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com