Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F57-E/P Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC16F57-E/P
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57-E/P Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC16F57-E/P Datasheet HTML 21Page - Microchip Technology PIC16F57-E/P Datasheet HTML 22Page - Microchip Technology PIC16F57-E/P Datasheet HTML 23Page - Microchip Technology PIC16F57-E/P Datasheet HTML 24Page - Microchip Technology PIC16F57-E/P Datasheet HTML 25Page - Microchip Technology PIC16F57-E/P Datasheet HTML 26Page - Microchip Technology PIC16F57-E/P Datasheet HTML 27Page - Microchip Technology PIC16F57-E/P Datasheet HTML 28Page - Microchip Technology PIC16F57-E/P Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
© 2007 Microchip Technology Inc.
DS41213D-page 23
PIC16F5X
5.0
RESET
The PIC16F5X devices may be reset in one of the
following ways:
• Power-on Reset (POR)
•MCLR Reset (normal operation)
•MCLR Wake-up Reset (from Sleep)
• WDT Reset (normal operation)
• WDT Wake-up Reset (from Sleep)
Table 5-1 shows these Reset conditions for the PCL
and STATUS registers.
Some registers are not affected in any Reset condition.
Their status is unknown on POR and unchanged in any
other Reset. Most other registers are reset to a “Reset
state” on Power-on Reset (POR), MCLR or WDT
Reset. A MCLR or WDT wake-up from Sleep also
results in a device Reset and not a continuation of
operation before Sleep.
The TO and PD bits (STATUS <4:3>) are set or cleared
depending on the different Reset conditions (Table 5-1).
These bits may be used to determine the nature of the
Reset.
Table 5-3 lists a full description of Reset states of all
registers. Figure 5-1 shows a simplified block diagram
of the on-chip Reset circuit.
TABLE 5-1:
STATUS BITS AND THEIR SIGNIFICANCE
TABLE 5-2:
SUMMARY OF REGISTERS ASSOCIATED WITH RESET
Condition
TO
PD
Power-on Reset
11
MCLR Reset (normal operation)
uu
MCLR Wake-up (from Sleep)
10
WDT Reset (normal operation)
01
WDT Wake-up (from Sleep)
00
Legend: u = unchanged, x = unknown, — = unimplemented read as ‘0’.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
MCLR and
WDT Reset
03h
STATUS
PA2
PA1
PA0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
Legend: u = unchanged, x = unknown, q = see Table 5-1 for possible values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com