Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16HV616-E/ML Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC16HV616-E/ML
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16HV616-E/ML Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC16HV616-E/ML Datasheet HTML 32Page - Microchip Technology PIC16HV616-E/ML Datasheet HTML 33Page - Microchip Technology PIC16HV616-E/ML Datasheet HTML 34Page - Microchip Technology PIC16HV616-E/ML Datasheet HTML 35Page - Microchip Technology PIC16HV616-E/ML Datasheet HTML 36Page - Microchip Technology PIC16HV616-E/ML Datasheet HTML 37Page - Microchip Technology PIC16HV616-E/ML Datasheet HTML 38Page - Microchip Technology PIC16HV616-E/ML Datasheet HTML 39Page - Microchip Technology PIC16HV616-E/ML Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 36
© 2009 Microchip Technology Inc.
4.2.4
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTA pin is multiplexed with other functions.
The pins and their combined functions are briefly
described
here.
For
specific
information
about
individual functions such as the Comparator or the
ADC, refer to the appropriate section in this data sheet.
4.2.4.1
RA0/AN0(1)/C1IN+/ICSPDAT
Figure 4-1 shows the diagram for this pin. The RA0 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
(1)
• an analog non-inverting input to the comparator
• In-Circuit Serial Programming data
4.2.4.2
RA1/AN1(1)/C12IN0-/VREF(1)/
ICSPCLK
Figure 4-1 shows the diagram for this pin. The RA1 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
(1)
• an analog inverting input to the comparator
• a voltage reference input for the ADC
(1)
• In-Circuit Serial Programming clock
FIGURE 4-1:
BLOCK DIAGRAM OF RA<1:0>
Note 1: PIC16F616/16HV616 only.
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
RD PORTA
RD
WR
WR
RD
WR
IOCA
RD
IOCA
Interrupt-on-
To Comparator
Analog(1)
Input Mode
RAPU
Analog(1)
Input Mode
Change
Q1
WR
RD
WPUA
Data Bus
WPUA
PORTA
TRISA
TRISA
PORTA
Note
1:
Comparator mode and ANSEL determines Analog Input mode.
2:
Set has priority over Reset.
3:
PIC16F616/16HV616 only.
To A/D Converter(3)
I/O Pin
S(2)
R
Q
From other
RA<5:1> pins (RA0)
Write ‘0’ to RAIF
RA<5:2, 0> pins (RA1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com