Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLS3S-X0 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # HLS3S-X0
Description  Hook and Loop Cable Ties
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

HLS3S-X0 Datasheet(HTML) 1 Page - PANDUIT CORP.

  HLS3S-X0 Datasheet HTML 1Page - PANDUIT CORP. HLS3S-X0 Datasheet HTML 2Page - PANDUIT CORP. HLS3S-X0 Datasheet HTML 3Page - PANDUIT CORP. HLS3S-X0 Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Key Features
Benefits
Soft hook and loop material
Reliability – Safe way to effectively bundle cables while maintaining
network data integrity by protecting against over-tensioning; minimal
installation time; no tools required
Releasable design
Wide range of designs,
sizes, and colors
Aesthetics – Allows design flexibility and provides a professional,
finished appearance
Plenum rated styles
UL listed cable ties can be safely applied in plenum or air handling spaces per
NEC, Section 300-22 (C) and (D)
Comprehensive product offering
Supports a wide range of applications; allows maximum installation flexibility
Scalability – Adjustable, releasable, and reusable to accommodate frequent
moves, adds, and changes (MACs) which supports evolving changes to
equipment and cabling for future growth; supports rapid deployment
Hook and Loop Cable Ties
The comprehensive family of hook and loop cable ties
delivers reliability by protecting against over-tensioning
of high performance fiber and copper cables. These ties
are adjustable, releasable, and reusable to effectively
support frequent moves, adds, and changes (MACs).
A wide range of designs, sizes, and colors provides
flexibility and an aesthetically pleasing appearance.
TAK-TY ® Loop Ties
Slot allows for pre-wrapping
of bundles
ULTRA-CINCH ™ Ties
Cinch ring provides extra strength
TAK-TY ® Strip Ties
Rolls perforated in convenient
6", 12" or 18" strips
TAK-TY ® Rolls
Lengths: 15' and 75'
can be cut to any length
TAK-TY ® Cable Ties – Plenum-rated
UL Listed loop style
and strip style
ULTRA-CINCH ™ Ties
Grommet styles for
mounting applications
TAK-TAPE ™ Rolls
General purpose fastener
www.panduit.com
TAK-TY ® Stacked Strips
Eliminates cutting and staging
7" Strips (100 pieces)


Similar Part No. - HLS3S-X0

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HLS3S-X0 PANDUIT-HLS3S-X0 Datasheet
723Kb / 2P
Product Bulletin
More results

Similar Description - HLS3S-X0

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HLT21 PANDUIT-HLT21 Datasheet
57Kb / 1P
TAK-TY HOOK & LOOP CABLE TIES HLT SERIES
logo
3M Electronics
TB3000 3M-TB3000 Datasheet
45Kb / 8P
Hook and Loop Fasteners Trial Bags
Aug-2011
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
CABLE CLAMPS AND TIES
logo
PANDUIT CORP.
ABM1M-A-C PANDUIT-ABM1M-A-C Datasheet
191Kb / 1P
Tak-Ty Hook Loop Cable Tie Mounts
logo
Tripp Lite. All Rights ...
P35010N10 TRIPPLITE-P35010N10 Datasheet
472Kb / 1P
Hook-and-Loop Velcro Cable Ties, 10 L x 5-8 W - 10-Pack
logo
Qualtek Electronics Cor...
14_SERIES QUALTEK-14_SERIES Datasheet
1Mb / 1P
DOUB LE LOOP BEA DED CABLE TIES
logo
Tripp Lite. All Rights ...
P350-10N-10 TRIPPLITE-P350-10N-10 Datasheet
156Kb / 2P
Hook-and-Loop Cable Ties, 10" L x 5/8" W - 10-Pack
logo
HellermannTyton.
151-16500 HELLERMANNTYTON-151-16500 Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com