Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/P Datasheet(PDF) 236 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 236 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 232Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 233Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 234Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 235Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 236Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 237Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 238Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 239Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 240Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 236
Preliminary
 2010 Microchip Technology Inc.
15.5.6
CLOCK STRETCHING
Clock stretching occurs when a device on the bus
holds the SCLx line low effectively pausing communi-
cation. The slave may stretch the clock to allow more
time to handle data or prepare a response for the mas-
ter device. A master device is not concerned with
stretching as anytime it is active on the bus and not
transferring data it is stretching. Any stretching done
by a slave is invisible to the master software and han-
dled by the hardware that generates SCLx.
The CKP bit of the SSPxCON1 register is used to
control stretching in software. Any time the CKP bit is
cleared, the module will wait for the SCLx line to go
low and then hold it. Setting CKP will release SCLx
and allow more communication.
15.5.6.1
Normal Clock Stretching
Following an ACK if the R/W bit of SSPxSTAT is set, a
read request, the slave hardware will clear CKP. This
allows the slave time to update SSPxBUF with data to
transfer to the master. If the SEN bit of SSPxCON2 is
set, the slave hardware will always stretch the clock
after the ACK sequence. Once the slave is ready; CKP
is set by software and communication resumes.
15.5.6.2
10-bit Addressing Mode
In 10-bit Addressing mode, when the UA bit is set, the
clock is always stretched. This is the only time the
SCLx is stretched without CKP being cleared. SCLx is
released immediately after a write to SSPxADD.
15.5.6.3
Byte NACKing
When the AHEN bit of SSPxCON3 is set; CKP is
cleared by hardware after the 8th falling edge of SCLx
for a received matching address byte. When the
DHEN bit of SSPxCON3 is set; CKP is cleared after
the 8th falling edge of SCLx for received data.
Stretching after the 8th falling edge of SCLx allows the
slave to look at the received address or data and
decide if it wants to ACK the received data.
15.5.7
CLOCK SYNCHRONIZATION AND
THE CKP BIT
Any time the CKP bit is cleared, the module will wait
for the SCLx line to go low and then hold it. However,
clearing the CKP bit will not assert the SCLx output
low until the SCLx output is already sampled low.
Therefore, the CKP bit will not assert the SCLx line
until an external I2C master device has already
asserted the SCLx line. The SCLx output will remain
low until the CKP bit is set and all other devices on the
I2C bus have released SCLx. This ensures that a write
to the CKP bit will not violate the minimum high time
requirement for SCLx (see Figure 15-22).
FIGURE 15-23:
CLOCK SYNCHRONIZATION TIMING
Note 1: The BF bit has no effect on whether the
clock will be stretched or not. This is
different than previous versions of the
module that would not stretch the clock,
clear CKP, if SSPxBUF was read before
the 9th falling edge of SCLx.
2: Previous versions of the module did not
stretch the clock for a transmission if
SSPxBUF was loaded before the 9th fall-
ing edge of SCLx. It is now always cleared
for read requests.
Note: Previous versions of the module did not
stretch the clock if the second address byte
did not match.
SDAx
SCLx
DX ‚
– 1
DX
WR
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
SSPxCON1
CKP
Master device
releases clock
Master device
asserts clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com