Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/P Datasheet(PDF) 239 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 239 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 235Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 236Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 237Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 238Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 239Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 240Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 241Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 242Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 239
PIC18(L)F2X/4XK22
15.6.2
CLOCK ARBITRATION
Clock arbitration occurs when the master, during any
receive, transmit or Repeated Start/Stop condition,
releases the SCLx pin (SCLx allowed to float high).
When the SCLx pin is allowed to float high, the Baud
Rate Generator (BRG) is suspended from counting
until the SCLx pin is actually sampled high. When the
SCLx pin is sampled high, the Baud Rate Generator is
reloaded with the contents of SSPxADD<7:0> and
begins counting. This ensures that the SCLx high time
will always be at least one BRG rollover count in the
event that the clock is held low by an external device
(Figure 15-25).
FIGURE 15-25:
BAUD RATE GENERATOR TIMING WITH CLOCK ARBITRATION
15.6.3
WCOL STATUS FLAG
If the user writes the SSPxBUF when a Start, Restart,
Stop, Receive or Transmit sequence is in progress, the
WCOL is set and the contents of the buffer are
unchanged (the write does not occur). Any time the
WCOL bit is set it indicates that an action on SSPxBUF
was attempted while the module was not Idle.
SDAx
SCLx
SCLx deasserted but slave holds
DX ‚
– 1
DX
BRG
SCLx is sampled high, reload takes
place and BRG starts its count
03h
02h
01h
00h (hold off)
03h
02h
Reload
BRG
Value
SCLx low (clock arbitration)
SCLx allowed to transition high
BRG decrements on
Q2 and Q4 cycles
Note:
Because queueing of events is not
allowed, writing to the lower 5 bits of
SSPxCON2 is disabled until the Start
condition is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com