Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/P Datasheet(PDF) 458 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 458 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 454Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 455Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 456Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 457Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 458Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 459Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 460Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 461Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 462Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 458
Preliminary
 2010 Microchip Technology Inc.
FIGURE 27-18:
EUSART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
FIGURE 27-19:
EUSART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
121
121
120
122
TXx/CKx
RXx/DTx
pin
pin
Note:
Refer to Figure 27-3 for load conditions.
TABLE 27-21: EUSART SYNCHRONOUS TRANSMISSION REQUIREMENTS
Param.
No.
Symbol
Characteristic
Min
Max
Units Conditions
120
TckH2dtV SYNC XMIT (MASTER & SLAVE)
Clock High to Data Out Valid
—
40
ns
121
Tckrf
Clock Out Rise Time and Fall Time
(Master mode)
—20
ns
122
Tdtrf
Data Out Rise Time and Fall Time
—
20
ns
125
126
TXx/CKx
RXx/DTx
pin
pin
Note:
Refer to Figure 27-3 for load conditions.
TABLE 27-22: EUSART SYNCHRONOUS RECEIVE REQUIREMENTS
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
125
TdtV2ckl
SYNC RCV (MASTER & SLAVE)
Data Setup before CK
 (DT setup time)
10
—
ns
126
TckL2dtl
Data Hold after CK
 (DT hold time)
15
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com