Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/P Datasheet(PDF) 459 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 459 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 455Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 456Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 457Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 458Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 459Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 460Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 461Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 462Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 463Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 459
PIC18(L)F2X/4XK22
FIGURE 27-20:
A/D CONVERSION TIMING
TABLE 27-23: A/D CONVERTER CHARACTERISTICS:PIC18(L)F2X/4XK22
Param .
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
A01
NR
Resolution
—
—
10
bits
-40°C to +85°C,
VREF  2.0V
A03
EIL
Integral Linearity Error
—
±0.5
—
LSb -40°C to +85°C,
VREF  2.0V
A04
EDL
Differential Linearity Error
—
±0.4
—
LSb -40°C to +85°C,
VREF  2.0V
A06
EOFF
Offset Error
—
0.4
—
LSb -40°C to +85°C,
VREF  2.0V
A07
EGN
Gain Error
—
0.3
—
LSb -40°C to +85°C,
VREF  2.0V
A08
ETOTL
Total Error
—
1
—
LSb -40°C to +85°C,
VREF  2.0V
A20
VREF
Reference Voltage Range
(VREFH – VREFL)
1.8
2.0
—
—
—
—
V
V
Absolute Minimum
Minimum for 1LSb
Accuracy
A21
VREFH
Reference Voltage High
VDD/2
—
VDD + 0.3
V
A22
VREFL
Reference Voltage Low
VSS – 0.3V
—
VDD/2
V
A25
VAIN
Analog Input Voltage
VREFL
—VREFH
V
A30
ZAIN
Recommended Impedance of
Analog Voltage Source
——
3
k
-40°C to +85°C
Note 1:
The A/D conversion result never decreases with an increase in the input voltage and has no missing
codes.
2:
VREFH current is from RA3/AN3/VREF+ pin or VDD, whichever is selected as the VREFH source.
VREFL current is from RA2/AN2/VREF-/CVREF pin or VSS, whichever is selected as the VREFL source.
131
130
132
BSF ADCON0, GO
Q4
A/D CLK
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
SAMPLING STOPPED
DONE
NEW_DATA
(Note 2)
98
7
2
1
0
Note 1: If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts.
This allows the SLEEP instruction to be executed.
2: This is a minimal RC delay (typically 100 ns), which also disconnects the holding capacitor from the analog input.
.. .
. . .
TCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com