Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AUIPS7111R Datasheet(PDF) 7 Page - International Rectifier

Part # AUIPS7111R
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7111R Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIPS7111R Datasheet HTML 3Page - International Rectifier AUIPS7111R Datasheet HTML 4Page - International Rectifier AUIPS7111R Datasheet HTML 5Page - International Rectifier AUIPS7111R Datasheet HTML 6Page - International Rectifier AUIPS7111R Datasheet HTML 7Page - International Rectifier AUIPS7111R Datasheet HTML 8Page - International Rectifier AUIPS7111R Datasheet HTML 9Page - International Rectifier AUIPS7111R Datasheet HTML 10Page - International Rectifier AUIPS7111R Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AUIPS7111S
Input level VIH/VIL
The input level are referenced to Vcc. When Vcc-Vin exceed VIH the part turns on and when Vcc-Vin goes below VIL the
part turns off
Current sensing accuracy
Iout
Ifb
Ifb leakage
Ifb2
Ifb1
Iout2
Iout1
I offset
The current sensing is specified by measuring 3 points :
- Ifb1 for Iout1
- Ifb2 for Iout2
- Ifb leakage for Iout=0
The parameters in the datasheet are computed with the following formula :
Ratio = ( Iout2 – Iout1 )/( Ifb2 – Ifb1)
I offset = Ifb1 x Ratio – Iout1
This allows the designer to evaluate the Ifb for any Iout value using :
Ifb = ( Iout + I offset ) / Ratio if Ifb > Ifb leakage
For some applications, a calibration is required. In that case, the accuracy of the system will depends on the variation of
the I offset and the ratio over the temperature range. The ratio variation is given by Ratio_TC specified in page 4.
The Ioffset variation depends directly of the Rdson :
I offset@-40°C= I offset@25°C / 0.7
I offset@150°C= I offset@25°C / 1.9
Over-current protection
The threshold of the over-current protection is set in order to guaranteed that the device is able to turn on a load with an
inrush current lower than the minimum of Isd. Nevertheless for high current and high temperature the device may switch
off for a lower current due to the over-temperature protection (see Figure 10).
www.irf.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com