Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1933-E/P Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC16F1933-E/P
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/P Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC16F1933-E/P Datasheet HTML 26Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 27Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 28Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 29Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 30Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 31Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 32Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 33Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 30
Preliminary
 2009 Microchip Technology Inc.
3.2.2
SPECIAL FUNCTION REGISTER
The Special Function Registers are registers used by
the application to control the desired operation of
peripheral functions in the device. The registers asso-
ciated with the operation of the peripherals are
described in the appropriate peripheral chapter of this
data sheet.
3.2.3
GENERAL PURPOSE RAM
There are up to 80 bytes of GPR in each data memory
bank.
3.2.3.1
Linear Access to GPR
The general purpose RAM can be accessed in a
non-banked method via the FSRs. This can simplify
access to large memory structures. See Section 3.5.2
“Linear Data Memory”
for more information.
3.2.4
COMMON RAM
There are 16 bytes of common RAM accessible from all
banks.
FIGURE 3-4:
BANKED MEMORY
PARTITIONING
3.2.5
DEVICE MEMORY MAPS
The memory maps for the device family are as shown
in Table 3-2.
0Bh
0Ch
1Fh
20h
6Fh
70h
7Fh
00h
Common RAM
(16 bytes)
General Purpose RAM
(80 bytes maximum)
Core Registers
(12 bytes)
Special Function Registers
(20 bytes maximum)
Memory Region
7-bit Bank Offset
TABLE 3-2:
MEMORY MAP TABLES
Device
Banks
Table No.
PIC16F1933
PIC16LF1933
0-7
Table 3-3
8-15
Table 3-4,Table 3-11
16-23
Table 3-9
23-31
Table 3-10, Table 3-13
PIC16F1934
PIC16LF1934
0-7
Table 3-3
8-15
Table 3-4,Table 3-12
16-23
Table 3-9
23-31
Table 3-10, Table 3-13
PIC16F1936
PIC16LF1936
0-7
Table 3-5
8-15
Table 3-6, Table 3-11
16-23
Table 3-9
23-31
Table 3-10, Table 3-13
PIC16F1937
PIC16LF1937
0-7
Table 3-5
8-15
Table 3-6, Table 3-12
16-23
Table 3-9
23-31
Table 3-10, Table 3-13
PIC16F1938
PIC16LF1938
0-7
Table 3-7
8-15
Table 3-8, Table 3-11
16-23
Table 3-9
23-31
Table 3-10, Table 3-13
PIC16F1939
PIC16LF1939
0-7
Table 3-7
8-15
Table 3-8, Table 3-12
16-23
Table 3-9
23-31
Table 3-10, Table 3-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com