Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP2010PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IP2010PBF
Description  High Frequency GaN-Based Integrated Power Stage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2010PBF Datasheet(HTML) 1 Page - International Rectifier

  IP2010PBF Datasheet HTML 1Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
iP2010PbF
www.irf.com
High Frequency GaN-Based Integrated
Power Stage
Typical Application
Features
•
Input voltage range of 7V to 13.2V
•
Output voltage range of 0.6V to 5.5V
•
Output current up to 30A
•
Benchmark peak and full load efficiency –
no heat sink required
•
Operation up to 3MHz
•
Ultrafast, PowIRtuneTM gate driver
•
Wireless, low noise flip-chip design
•
Industry-standard TTL compatible Enable
and PWM inputs
•
Small footprint LGA package (7.7mm x
6.5mm x 1.7mm)
•
Pin compatible with iP2011
Applications
•
Server, Storage and Netcom POL
•
General DC/DC Converters
Description
The iP2010 is a fully optimized, high frequency
power
stage
solution
for
synchronous
buck
applications utilizing IR’s Gallium Nitride (GaN)-
based power device technology platform.
The iP2010 integrates a highly sophisticated, ultra
fast PowIRtune driver IC matched to a multi-switch
monolithic GaN-based power device. These devices
are mounted in a completely wireless package
platform to deliver higher efficiency and more than
double the switching frequency of state-of-the-art
silicon-based integrated power stage devices.
With a switching capability up to 3MHz, the iP2010
enables designers to dramatically reduce the value
and size of output capacitors and inductors where
space is at premium.
The device can also be
configured to operate at a lower switching frequency
for applications that require the highest possible
efficiencies.
PD-97461
GaNpowIRTM


Similar Part No. - IP2010PBF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP20 BEL-IP20 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
List of Unclassifed Man...
IP200 ETC-IP200 Datasheet
301Kb / 30P
Interpolation Circuit for Incremental Measuring Systems
logo
International Rectifier
IP2001 IRF-IP2001 Datasheet
806Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
IP2001 IRF-IP2001 Datasheet
651Kb / 8P
500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
IP2001PBF IRF-IP2001PBF Datasheet
473Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
More results

Similar Description - IP2010PBF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6580 INTERSIL-ISL6580 Datasheet
1Mb / 31P
Integrated Power Stage
September 2003
logo
Mitsubishi Electric Sem...
MGF0840G MITSUBISHI-MGF0840G Datasheet
119Kb / 4P
High-power GaN HEMT (small signal gain stage)
MGF0843G MITSUBISHI-MGF0843G Datasheet
130Kb / 4P
High-power GaN HEMT (small signal gain stage)
MGF0846G MITSUBISHI-MGF0846G Datasheet
119Kb / 4P
High-power GaN HEMT (small signal gain stage)
logo
Vishay Siliconix
SIC778A VISHAY-SIC778A Datasheet
719Kb / 13P
High Performance DrMOS ??Integrated Power Stage
21-May-12
logo
Texas Instruments
LMG5200 TI1-LMG5200_16 Datasheet
299Kb / 23P
GaN Half-Bridge Power Stage
LMG3410R050 TI1-LMG3410R050 Datasheet
910Kb / 27P
600-V 50-m(ohm) Integrated GaN Power Stage With Overcurrent Protection
logo
Vishay Siliconix
SIC778A VISHAY-SIC778A_V01 Datasheet
728Kb / 13P
High Performance DrMOS – Integrated Power Stage
21-May-12
logo
Rohm
BM3G007MUV-LB ROHM-BM3G007MUV-LB Datasheet
1Mb / 29P
650 V GaN HEMT Power Stage
13.Jan.2023 Rev.001
BM3G015MUV-LB ROHM-BM3G015MUV-LB Datasheet
1Mb / 29P
650 V GaN HEMT Power Stage
13.Jan.2023 Rev.001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com