Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2610-E/SP Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC18F2610-E/SP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2610-E/SP Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC18F2610-E/SP Datasheet HTML 48Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 49Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 50Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 51Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 52Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 53Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 54Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 55Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 376 page
background image
PIC18F2X1X/4X1X
DS39636D-page 54
© 2009 Microchip Technology Inc.
IPR2
2410 2510 2515 2610 4410 4510 4515 4610
11-- 1111
11-- 1111
uu-- uuuu
PIR2
2410 2510 2515 2610 4410 4510 4515 4610
00-- 0000
00-- 0000
uu-- uuuu(1)
PIE2
2410 2510 2515 2610 4410 4510 4515 4610
00-- 0000
00-- 0000
uu-- uuuu
IPR1
2410 2510 2515 2610 4410 4510 4515 4610
1111 1111
1111 1111
uuuu uuuu
2410 2510 2515 2610 4410 4510 4515 4610
-111 1111
-111 1111
-uuu uuuu
PIR1
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu(1)
2410 2510 2515 2610 4410 4510 4515 4610
-000 0000
-000 0000
-uuu uuuu(1)
PIE1
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu
2410 2510 2515 2610 4410 4510 4515 4610
-000 0000
-000 0000
-uuu uuuu
OSCTUNE
2410 2510 2515 2610 4410 4510 4515 4610
00-0 0000
00-0 0000
uu-u uuuu
TRISE
2410 2510 2515 2610 4410 4510 4515 4610
0000 -111
0000 -111
uuuu -uuu
TRISD
2410 2510 2515 2610 4410 4510 4515 4610
1111 1111
1111 1111
uuuu uuuu
TRISC
2410 2510 2515 2610 4410 4510 4515 4610
1111 1111
1111 1111
uuuu uuuu
TRISB
2410 2510 2515 2610 4410 4510 4515 4610
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
2410 2510 2515 2610 4410 4510 4515 4610
1111 1111(5)
1111 1111(5)
uuuu uuuu(5)
LATE
2410 2510 2515 2610 4410 4510 4515 4610
---- -xxx
---- -uuu
---- -uuu
LATD
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx(5)
uuuu uuuu(5)
uuuu uuuu(5)
PORTE
2410 2510 2515 2610 4410 4510 4515 4610
---- x000
---- x000
---- uuuu
PORTD
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5)
2410 2510 2515 2610 4410 4510 4515 4610
xx0x 0000(5)
uu0u 0000(5)
uuuu uuuu(5)
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out
Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via
WDT
or Interrupt
Legend:
u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector
(0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with
the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When not enabled as
PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com