Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPTR1500AP2VN-R120 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # PPTR1500AP2VN-R120
Description  Precision Pressure Transducer Ruggedized (PPTR) - Submersible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

PPTR1500AP2VN-R120 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  PPTR1500AP2VN-R120 Datasheet HTML 1Page - Honeywell Solid State Electronics Center PPTR1500AP2VN-R120 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision Pressure Transducer Ruggedized
(PPTR) - Submersible
Honeywell’s submersible PPTR transducer is a rugged, smart pressure transducer for use in the harsh environment of
liquid measurements. It combines proven silicon sensor technology with microprocessor-based signal conditioning to
provide an extremely smart pressure transducer.
The PPTR submersible utilizes an integral SEA CON
® electrical
connector. The transducer is designed with an environmentally sealed, stainless steel construction that can operate in
severe environments. The PPTR has many software features that support a wide range of applications.
FEATURES AND BENEFITS
High Accuracy
0.07% FS Total Error Band
from -4 to 60 C
Simplifies System Design - No additional signal compensation
needed to gain the benefits of a very accurate sensor.
Smart, Digital Sensing and Control
Easy Interface - Connects to PC via communication port.
Versatile and Configurable
Digital Outputs. - RS-232 or RS-485
Isolation diaphragm handles most media - harsh gases or liquids.
Rugged Design - Operates in severe environments.
Optimizes Output - User-configurable pressure units, sampling,
update rate.
Flags Problems - Internal diagnostics set flags, provide status.
User Selectable Software Features
Baud Rate, Parity Setting, Continuous Broadcast, ASCII or Binary
Output, Sensor Temperature Output ( C or F)
APPLICATIONS:
Ocean Depth
Remotely operated underwater vehicle (ROV)
Autonomously operated underwater vehicles
Data Loggers
Water Level
±0.07% FS Total
Error Band from
-4 to 60ºC
RS-232 or
RS-485
Digital
Environmentally
Sealed
ISO-9001
ISO-14001


Similar Part No. - PPTR1500AP2VN-R120

ManufacturerPart #DatasheetDescription
logo
ABL Aluminium Component...
PPT ABL-PPT Datasheet
749Kb / 6P
HEATSINK SELECTION
logo
Portasol LTD.
PPT-1 PORTASOL-PPT-1 Datasheet
446Kb / 2P
Professional And Service Technicains
PPT-10 PORTASOL-PPT-10 Datasheet
446Kb / 2P
Professional And Service Technicains
PPT-11 PORTASOL-PPT-11 Datasheet
446Kb / 2P
Professional And Service Technicains
PPT-12 PORTASOL-PPT-12 Datasheet
446Kb / 2P
Professional And Service Technicains
More results

Similar Description - PPTR1500AP2VN-R120

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM8250G4CXS SENSORTECHNICS-CTEM8250G4CXS Datasheet
75Kb / 4P
OEM submersible pressure transducers
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
Submersible precision stainless steel pressure transmitters
KTEM6250G4CXS SENSORTECHNICS-KTEM6250G4CXS Datasheet
95Kb / 4P
OEM submersible pressure transducers
KTEM8250G4CXSEV SENSORTECHNICS-KTEM8250G4CXSEV Datasheet
57Kb / 4P
Submersible pressure transducers
logo
Copal Electronics
PA-204 COPAL-PA-204 Datasheet
708Kb / 2P
HIGH PRECISION PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
Pressure Transducer
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com