Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12CE518-04/ESM Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC12CE518-04/ESM
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/ESM Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC12CE518-04/ESM Datasheet HTML 35Page - Microchip Technology PIC12CE518-04/ESM Datasheet HTML 36Page - Microchip Technology PIC12CE518-04/ESM Datasheet HTML 37Page - Microchip Technology PIC12CE518-04/ESM Datasheet HTML 38Page - Microchip Technology PIC12CE518-04/ESM Datasheet HTML 39Page - Microchip Technology PIC12CE518-04/ESM Datasheet HTML 40Page - Microchip Technology PIC12CE518-04/ESM Datasheet HTML 41Page - Microchip Technology PIC12CE518-04/ESM Datasheet HTML 42Page - Microchip Technology PIC12CE518-04/ESM Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 39
PIC12C5XX
TABLE 8-3:
RESET CONDITIONS FOR REGISTERS
TABLE 8-4:
RESET CONDITION FOR SPECIAL REGISTERS
Register
Address
Power-on Reset
MCLR Reset
WDT time-out
Wake-up on Pin Change
W (PIC12C508/509)
—
qqqq xxxx
(1)
qqqq uuuu
(1)
W (PIC12C508A/509A/
PIC12CE518/519/
PIC12CE509A)
—
qqqq qqxx
(1)
qqqq qquu
(1)
INDF
00h
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
PC
02h
1111 1111
1111 1111
STATUS
03h
0001 1xxx
q00q quuu
(2,3)
FSR (PIC12C508/
PIC12C508A/
PIC12CE518)
04h
111x xxxx
111u uuuu
FSR (PIC12C509/
PIC12C509A/
PIC12CE519/
PIC12CR509A)
04h
110x xxxx
11uu uuuu
OSCCAL
(PIC12C508/509)
05h
0111 ----
uuuu ----
OSCCAL
(PIC12C508A/509A/
PIC12CE518/512/
PIC12CR509A)
05h
1000 00--
uuuu uu--
GPIO
(PIC12C508/PIC12C509/
PIC12C508A/
PIC12C509A/
PIC12CR509A)
06h
--xx xxxx
--uu uuuu
GPIO
(PIC12CE518/
PIC12CE519)
06h
11xx xxxx
11uu uuuu
OPTION
—
1111 1111
1111 1111
TRIS
—
--11 1111
--11 1111
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1:
Bits <7:2> of W register contain oscillator calibration values due to MOVLW XX instruction at top of memory.
Note 2:
See Table 8-7 for reset value for specific conditions
Note 3:
If reset was due to wake-up on pin change, then bit 7 = 1. All other resets will cause bit 7 = 0.
STATUS Addr: 03h
PCL Addr: 02h
Power on reset
0001 1xxx
1111 1111
MCLR reset during normal operation
000u uuuu
1111 1111
MCLR reset during SLEEP
0001 0uuu
1111 1111
WDT reset during SLEEP
0000 0uuu
1111 1111
WDT reset normal operation
0000 uuuu
1111 1111
Wake-up from SLEEP on pin change
1001 0uuu
1111 1111
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com