Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12C508 Datasheet(PDF) 42 Page - Microchip Technology

Part # 12C508
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12C508 Datasheet(HTML) 42 Page - Microchip Technology

Back Button 12C508 Datasheet HTML 38Page - Microchip Technology 12C508 Datasheet HTML 39Page - Microchip Technology 12C508 Datasheet HTML 40Page - Microchip Technology 12C508 Datasheet HTML 41Page - Microchip Technology 12C508 Datasheet HTML 42Page - Microchip Technology 12C508 Datasheet HTML 43Page - Microchip Technology 12C508 Datasheet HTML 44Page - Microchip Technology 12C508 Datasheet HTML 45Page - Microchip Technology 12C508 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 113 page
background image
PIC12C5XX
DS40139E-page 42
© 1999 Microchip Technology Inc.
FIGURE 8-11: TIME-OUT SEQUENCE ON POWER-UP (MCLR TIED TO VDD): SLOW VDD RISE TIME
VDD
MCLR
INTERNAL POR
DRT TIME-OUT
INTERNAL RESET
TDRT
V1
When VDD rises slowly, the TDRT time-out expires long before VDD has reached its final value. In
this example, the chip will reset properly if, and only if, V1
≥ VDD min.
8.5
Device Reset Timer (DRT)
In the PIC12C5XX, DRT runs from RESET and varies
based on oscillator selection (see Table 8-5.)
The DRT operates on an internal RC oscillator. The
processor is kept in RESET as long as the DRT is
active. The DRT delay allows VDD to rise above VDD
min., and for the oscillator to stabilize.
Oscillator circuits based on crystals or ceramic
resonators require a certain time after power-up to
establish a stable oscillation. The on-chip DRT keeps
the device in a RESET condition for approximately 18
ms after MCLR has reached a logic high (VIHMCLR)
level. Thus, programming GP3/MCLR/VPP as MCLR
and using an external RC network connected to the
MCLR input is not required in most cases, allowing for
savings in cost-sensitive and/or space restricted
applications, as well as allowing the use of the GP3/
MCLR/VPP pin as a general purpose input.
The Device Reset time delay will vary from chip to chip
due to VDD, temperature, and process variation. See
AC parameters for details.
The DRT will also be triggered upon a Watchdog
Timer time-out. This is particularly important for
applications using the WDT to wake from SLEEP
mode automatically.
8.6
Watchdog Timer (WDT)
The Watchdog Timer (WDT) is a free running on-chip
RC oscillator which does not require any external
components. This RC oscillator is separate from the
external RC oscillator of the GP5/OSC1/CLKIN pin
and the internal 4 MHz oscillator. That means that the
WDT will run even if the main processor clock has
been stopped, for example, by execution of a SLEEP
instruction. During normal operation or SLEEP, a WDT
reset or wake-up reset generates a device RESET.
The TO bit (STATUS<4>) will be cleared upon a
Watchdog Timer reset.
The
WDT
can
be
permanently
disabled
by
programming the configuration bit WDTE as a ’0’
(Section 8.1). Refer to the PIC12C5XX Programming
Specifications to determine how to access the
configuration word.
TABLE 8-5:
DRT (DEVICE RESET TIMER
PERIOD)
Oscillator
Configuration
POR Reset
Subsequent
Resets
IntRC &
ExtRC
18 ms (typical)
300 µs (typical)
XT & LP
18 ms (typical)
18 ms (typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com