Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1117CMPBF Datasheet(PDF) 16 Page - Linear Technology

Part # LT1117CMPBF
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117CMPBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1117CMPBF Datasheet HTML 8Page - Linear Technology LT1117CMPBF Datasheet HTML 9Page - Linear Technology LT1117CMPBF Datasheet HTML 10Page - Linear Technology LT1117CMPBF Datasheet HTML 11Page - Linear Technology LT1117CMPBF Datasheet HTML 12Page - Linear Technology LT1117CMPBF Datasheet HTML 13Page - Linear Technology LT1117CMPBF Datasheet HTML 14Page - Linear Technology LT1117CMPBF Datasheet HTML 15Page - Linear Technology LT1117CMPBF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
16
1117fd
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1993
LT 0410 REV D• PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1118
Low IQ, Low Dropout, 800mA, Source
and Sink Regulators
Sources and Sinks Current, 600mA Quiescent Current, Dropout Voltage: 1V, SOIC-8 and
SOT-223 Packages
LT1129
700mA Micropower Low Dropout
Regulator
50μA Quiescent Current
LT1763
500mA, Low Noise LDO
300mV Dropout Voltage, Low Noise: 20μVRMS, VIN = 1.8V to 20V, SO-8 Package
LT1764, LT1764A
3A, Fast Transient Response, Low Noise
LDO
340mV Dropout Voltage, Low Noise: 40μVRMS, VIN = 2.7V to 20V, TO-220 and DD
Packages “A” version stable also with ceramic caps
LT1963, LT1763A
1.5A Low Noise, Fast Transient Response
LDO
340mV Dropout Voltage, Low Noise: 40μVRMS, VIN = 2.5V to 20V, “A” version stable
with ceramic caps, TO-220, DD, SOT-223 and SO-8 Packages
LT1965
1.1A, Low Noise, Low Dropout Linear
Regulator
290mV Dropout Voltage, Low Noise: 40μVRMS, VIN: 1.8V to 20V, VOUT: 1.2V to 19.5V,
stable with ceramic caps, TO-220, DDPak, MSOP and 3 × 3 DFN Packages
LT3021
500mA, Low Voltage, VLDO Linear
Regulator
VIN: 0.9V to 10V, Dropout Voltage: 160mV Typical, Adjustable Output (VREF = VOUT(MIN)
= 200mV), Fixed Output Voltages: 1.2V, 1.5V, 1.8V, Stable with Low ESR, Ceramic
Output Capacitors 16-Pin DFN (5mm × 5mm) and 8-Lead SO Packages
LT3080, LT3080-1
1.1A, Parallelable, Low Noise, Low
Dropout Linear Regulator
300mV Dropout Voltage (2-supply operation), Low Noise: 40μVRMS, VIN: 1.2V to 36V,
VOUT: 0V to 35.7V, current-based reference with 1-resistor VOUT set; directly parallelable
(no op amp required), stable with ceramic caps, TO-220, SOT-223, MS8E and 3 × 3
DFN-8 Packages; “-1” version has integrated internal ballast resistor
LT3085
500mA, Parallelable, Low Noise, Low
Dropout Linear Regulator
275mV Dropout Voltage (2-supply operation), Low Noise: 40μVRMS, VIN: 1.2V to 36V,
VOUT: 0V to 35.7V, current-based reference with 1-resistor VOUT set; directly parallelable
(no op amp required), stable with ceramic caps, MS8E and 2 × 3 DFN-6 packages
LTC3025-1, LTC3025-2,
LTC3025-3, LTC3025-4
500mA Micropower VLDO Linear
Regulator in 2 × 2 DFN
VIN = 0.9V to 5.5V, Dropout Voltage: 75mV, Low Noise 80μVRMS, Low IQ: 54μA, Fixed
Output: 1.2V (LTC3025-2), 1.5V (LTC3025-3), 1.8V (LTC3025-4); Adjustable Output
Range: 0.4V to 3.6V (LTC3025-1), 2mm × 2mm 6-Lead DFN Package
LTC3026
1.5A, Low Input Voltage VLDO Linear
Regulator
VIN: 1.14V to 3.5V (Boost Enabled), 1.14V to 5.5V (with External 5V), VDO = 0.1V, IQ =
950μA, Stable with 10μF Ceramic Capacitors, 10-Lead MSOP-E and DFN-10 Packages
TYPICAL APPLICATION
2k
OUTPUT
ADJUST
240Ω
100μF
470Ω
1N914
4N28
–
+
1N914
1k
MR1122
10k
28V INPUT
1mH
10,000μF
1M
10k
10k
LT1011
1117 TA15
28V
OUTPUT
28V
LT1117
IN
ADJ
OUT
+
+
High Efficiency Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com