Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP209 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TOP209
Description  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP209 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TOP209 Datasheet HTML 3Page - Power Integrations, Inc. TOP209 Datasheet HTML 4Page - Power Integrations, Inc. TOP209 Datasheet HTML 5Page - Power Integrations, Inc. TOP209 Datasheet HTML 6Page - Power Integrations, Inc. TOP209 Datasheet HTML 7Page - Power Integrations, Inc. TOP209 Datasheet HTML 8Page - Power Integrations, Inc. TOP209 Datasheet HTML 9Page - Power Integrations, Inc. TOP209 Datasheet HTML 10Page - Power Integrations, Inc. TOP209 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
A
8/97
TOP209/210
7
Figure 8. Schematic Diagram of a 12 V, 8 W 110/220 VAC Input Power Supply Using the TOP210.
The circuit shown in Figure 8 produces a 12 V, 8 W power
supply that operates from 85 to 132 VAC or 170 to 264 VAC
input voltage. The 12 V output voltage is determined by the
TOPSwitch CONTROL pin shunt regulator voltage, the voltage
drops of D2 and D3, and the turns ratio between the bias and
output windings of T1. Other output voltages are also possible
by adjusting the transformer turns ratios. R1 and C5 provide
filtering of the bias winding to improve line and load regulation.
AC power is rectified and filtered by BR1, C1 and C9 to create
the high voltage DC bus applied to the primary winding of T1.
The other side of the transformer primary is driven by the
integrated high-voltage MOSFET within the TOP210. JP1 is a
jumper used to select 110 VAC or 220 VAC operation. Installing
JP1 selects 110 VAC operation. Leaving JP1 open selects
220 VAC operation. RA and RB, which equalize voltage across
C1 and C9, are necessary only when JP1 is not installed. D1 and
VR1 clamp the leading-edge voltage spike caused by transformer
leakage inductance to a safe value and reduce ringing. The
power secondary winding is rectified and filtered by D2, C2,
L1, and C3 to create the 12 V output voltage. R2 provides a pre-
load on the 12 V output to improve load regulation at light loads.
The bias winding is rectified and filtered by D3, R1, and C5 to
create a bias voltage to the TOP210. L2 and Y1-capacitor C7
attenuate common-mode emission currents caused by high-
voltage switching waveforms on the DRAIN side of the primary
winding and the primary to secondary capacitance. L2 and C6
attenuate differential-mode emission currents caused by the
fundamental and harmonics of the trapezoidal primary current
waveform. C5 filters internal MOSFET gate drive charge
current spikes on the CONTROL pin, determines the auto-
restart frequency, and together with R1, compensates the control
loop.
PI-2046-052397
VR1
BZY97-C200
D1
UF4005
R1
6.8
Ω
3
µH
RA
470 k
Ω
RB
470 k
Ω
JP1*
JUMPER
BR1
DFO6M
C1
10
µF
200 V
R2
330
1W
L1
F1
2A
T1
T1RD2
1
4
+
-
2
3
8
D2
MBR360
5
L2
12 mH min.
0.2A
C6
47nF
250VAC
X2
C7
1nF
250 VAC
Y1
* JPI INSTALLED FOR 110 VAC INPUT
JPI OPEN FOR 220 VAC INPUT
C5
47
µF
10 V
D3
1N4148
C3
120
µF
16 V
C2
330
µF
16 V
C9
10
µF
200 V
12 V
RTN
CIRCUIT PERFORMANCE:
Line Regulation - –1%
(85-132 VAC) or
(170-265 VAC)
Load Regulation - –5%
(10-100%)
Ripple Voltage – 50 mV
Meets CISPR-22 Class B
J1
L
N
U1
TOP210
D
S
C
CONTROL
TOPSwitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com