| Electronic Components Datasheet Search |
|
LTC2600IGNTRPBF Datasheet(PDF) 13 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2600IGNTRPBF Datasheet(HTML) 13 Page - Linear Technology |
|
13 / 20 page ![]() LTC2600/LTC2610/LTC2620 13 2600fe OPERATION 32-bit sequence. The 32-bit word is required for daisy- chain operation, and is also available to accommodate microprocessors which have a minimum word width of 16 bits (2 bytes). Daisychain Operation The serial output of the shift register appears at the SDO pin. Data transferred to the device from the SDI input is delayed 32 SCK rising edges before being output at the next SCK falling edge. The SDO output can be used to facilitate control of multiple serial devices from a single 3-wire serial port (i.e., SCK, SDI and CS/LD). Such a “daisychain” series is configured by connecting SDO of each upstream device to SDI of the next device in the chain. The shift registers of the devices are thus connected in series, effectively forming a single input shift register which extends through the entire chain. Because of this, the devices can be addressed and controlled individually by simply concatenating their input words; the first instruction addresses the last device in the chain and so forth. The SCK and CS/LD signals are common to all devices in the series. In use, CS/LD is first taken low. Then the concatenated input data is transferred to the chain, using SDI of the first device as the data input. When the data transfer is complete, CS/LD is taken high, completing the instruction sequence for all devices simultaneously. A single device can be controlled by using the no-operation command (1111) for the other devices in the chain. C3 COMMAND ADDRESS DATA (16 BITS) C2 C1 C0 A3 A2 A1 A0 D13 D14 D15 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 2600 TBL01 MSB LSB C3 COMMAND ADDRESS DATA (14 BITS + 2 DON’T-CARE BITS) C2 C1 C0 A3 A2 A1 A0 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 X X 2600 TBL02 MSB LSB C3 COMMAND ADDRESS DATA (12 BITS + 4 DON’T-CARE BITS) C2 C1 C0 A3 A2 A1 A0 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 X X XX 2600 TBL03 MSB LSB INPUT WORD (LTC2600) INPUT WORD (LTC2610) INPUT WORD (LTC2620) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |