Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2610IGNTRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2610IGNTRPBF
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2610IGNTRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2610IGNTRPBF Datasheet HTML 2Page - Linear Technology LTC2610IGNTRPBF Datasheet HTML 3Page - Linear Technology LTC2610IGNTRPBF Datasheet HTML 4Page - Linear Technology LTC2610IGNTRPBF Datasheet HTML 5Page - Linear Technology LTC2610IGNTRPBF Datasheet HTML 6Page - Linear Technology LTC2610IGNTRPBF Datasheet HTML 7Page - Linear Technology LTC2610IGNTRPBF Datasheet HTML 8Page - Linear Technology LTC2610IGNTRPBF Datasheet HTML 9Page - Linear Technology LTC2610IGNTRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2600/LTC2610/LTC2620
6
2600fe
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2600
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
2600 G23
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
DNL (POS)
DNL (NEG)
VREF (V)
0
1
2
3
4
5
2600 G24
32
24
16
8
0
–8
–16
–24
–32
VCC = 5.5V
INL (POS)
INL (NEG)
VREF (V)
0
1
2
3
4
5
2600 G25
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VCC = 5.5V
DNL (POS)
DNL (NEG)
DNL vs Temperature
INL vs VREF
DNL vs VREF
2μs/DIV
2600 G26
VOUT
100μV/DIV
CS/LD
2V/DIV
VCC = 5V, VREF = 4.096V
1/4-SCALE TO 3/4-SCALE STEP
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
9.7μs
5μs/DIV
2600 G27
VOUT
100μV/DIV
CS/LD
2V/DIV
SETTLING TO ±1LSB
VCC = 5V, VREF = 4.096V
CODE 512 TO 65535 STEP
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
12.3μs
Settling to ±1LSB
Settling of Full-Scale Step
CODE
0
16384
32768
49152
65535
2600 G20
32
24
16
8
0
–8
–16
–24
–32
VCC = 5V
VREF = 4.096V
CODE
0
16384
32768
49152
65535
2600 G21
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
2600 G22
32
24
16
8
0
–8
–16
–24
–32
VCC = 5V
VREF = 4.096V
INL (POS)
INL (NEG)
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
INL vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com