Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2620IGNTRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2620IGNTRPBF
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2620IGNTRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC2620IGNTRPBF Datasheet HTML 1Page - Linear Technology LTC2620IGNTRPBF Datasheet HTML 2Page - Linear Technology LTC2620IGNTRPBF Datasheet HTML 3Page - Linear Technology LTC2620IGNTRPBF Datasheet HTML 4Page - Linear Technology LTC2620IGNTRPBF Datasheet HTML 5Page - Linear Technology LTC2620IGNTRPBF Datasheet HTML 6Page - Linear Technology LTC2620IGNTRPBF Datasheet HTML 7Page - Linear Technology LTC2620IGNTRPBF Datasheet HTML 8Page - Linear Technology LTC2620IGNTRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2600/LTC2610/LTC2620
2
2600fe
ABSOLUTE MAXIMUM RATINGS
Any Pin to GND ........................................... –0.3V to 6V
Any Pin to VCC ............................................ –6V to 0.3V
Operating Temperature Range
LTC2600C/LTC2610C/LTC2620C ............. 0°C to 70°C
LTC2600I/LTC2610I/LTC2620I............. –40°C to 85°C
(Note 1)
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
GND
VOUTA
VOUTB
VOUTC
VOUTD
REF
CS/LD
SCK
VCC
VOUTH
VOUTG
VOUTF
VOUTE
CLR
SDO
SDI
TJMAX = 125°C, θJA = 150°C/W
20 19 18 17
7
8
TOP VIEW
UFD PACKAGE
20-LEAD (4mm
5mm) PLASTIC QFN
9
10
6
5
4
3
2
1
11
12
13
14
15
16
VOUTA
VOUTB
VOUTC
VOUTD
REF
DNC
VOUTH
VOUTG
VOUTF
VOUTE
DNC
CLR
21
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2600CUFD#PBF
LTC2600CUFD#TRPBF
2600
20-Lead (4mm × 5mm) Plastic DFN
0°C to 70°C
LTC2600IUFD#PBF
LTC2600IUFD#TRPBF
2600
20-Lead (4mm × 5mm) Plastic DFN
–40°C to 85°C
LTC2600CGN#PBF
LTC2600CGN#TRPBF
2600
16-Lead Plastic SSOP
0°C to 70°C
LTC2600IGN#PBF
LTC2600IGN#TRPBF
2600I
16-Lead Plastic SSOP
–40°C to 85°C
LTC2610CUFD#PBF
LTC2610CUFD#TRPBF
2610
20-Lead (4mm × 5mm) Plastic DFN
0°C to 70°C
LTC2610IUFD#PBF
LTC2610IUFD#TRPBF
2610
20-Lead (4mm × 5mm) Plastic DFN
–40°C to 85°C
LTC2610CGN#PBF
LTC2610CGN#TRPBF
2610
16-Lead Plastic SSOP
0°C to 70°C
LTC2610IGN#PBF
LTC2610IGN#TRPBF
2610I
16-Lead Plastic SSOP
–40°C to 85°C
LTC2620CUFD#PBF
LTC2620CUFD#TRPBF
2620
20-Lead (4mm × 5mm) Plastic DFN
0°C to 70°C
LTC2620IUFD#PBF
LTC2620IUFD#TRPBF
2620
20-Lead (4mm × 5mm) Plastic DFN
–40°C to 85°C
LTC2620CGN#PBF
LTC2620CGN#TRPBF
2620
16-Lead Plastic SSOP
0°C to 70°C
LTC2620IGN#PBF
LTC2620IGN#TRPBF
2620I
16-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Storage Temperature Range.................. –65°C to 150°C
Maximum Junction Temperature........................... 125°C
Lead Temperature (Soldering, 10 sec) ................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com