Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP242 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # TOP242
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  TOP242 Datasheet HTML 1Page - Power Integrations, Inc. TOP242 Datasheet HTML 2Page - Power Integrations, Inc. TOP242 Datasheet HTML 3Page - Power Integrations, Inc. TOP242 Datasheet HTML 4Page - Power Integrations, Inc. TOP242 Datasheet HTML 5Page - Power Integrations, Inc. TOP242 Datasheet HTML 6Page - Power Integrations, Inc. TOP242 Datasheet HTML 7Page - Power Integrations, Inc. TOP242 Datasheet HTML 8Page - Power Integrations, Inc. TOP242 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
TOP242-249
4
E
7/01
August 8, 2000
Pin Functional Description
DRAIN (D) Pin:
High voltage power MOSFET drain output. The internal start-
up bias current is drawn from this pin through a switched high-
voltage current source. Internal current limit sense point for
drain current.
CONTROL (C) Pin:
Error amplifier and feedback current input pin for duty cycle
control. Internal shunt regulator connection to provide internal
bias current during normal operation. It is also used as the
connection point for the supply bypass and auto-restart/
compensation capacitor.
LINE-SENSE (L) Pin: (Y or R package only)
Input pin for OV, UV, line feed forward with DC
MAX reduction,
remote ON/OFF and synchronization. A connection to SOURCE
pin disables all functions on this pin.
EXTERNAL CURRENT LIMIT (X) Pin: (Y or R package only)
Input pin for external current limit adjustment, remote
ON/OFF, and synchronization. A connection to SOURCE pin
disables all functions on this pin.
MULTI-FUNCTION (M) Pin: (P or G package only)
This pin combines the functions of the LINE-SENSE (L) and
EXTERNAL CURRENT LIMIT (X) pins of the Y package into
one pin. Input pin for OV, UV, line feed forward with DC
MAX
reduction, external current limit adjustment, remote ON/OFF
and synchronization. A connection to SOURCE pin disables all
functions on this pin and makes TOPSwitch-GX operate in
simple three terminal mode (like TOPSwitch-II).
FREQUENCY (F) Pin: (Y or R package only)
Input pin for selecting switching frequency: 132 kHz if
Figure 3. Pin Configuration (top view).
PI-2509-040501
DC
Input
Voltage
+
-
DM
S
C
VUV = IUV x RLS
VOV = IOV x RLS
For RLS = 2 M
Ω
VUV = 100 VDC
VOV = 450 VDC
DCMAX@100 VDC = 78%
DCMAX@375 VDC = 38%
CONTROL
RLS
2 M
Ω
PI-2517-040501
DC
Input
Voltage
+
-
DM
S
C
For RIL = 12 k
Ω
ILIMIT = 69%
CONTROL
RIL
See fig. 55 for other
resistor values (RIL)
For RIL = 25 k
Ω
ILIMIT = 43%
to select different
ILIMIT values
X
PI-2629-040501
DC
Input
Voltage
+
-
D
S
C
CONTROL
L
R
IL
R
LS
12 k
Ω
2 M
Ω
VUV = IUV x RLS
VOV = IOV x RLS
For RLS = 2 M
Ω
DCMAX@100 VDC = 78%
DCMAX@375 VDC = 38%
For RIL = 12 k
Ω
ILIMIT = 69%
See fig. 55 for other
resistor values (RIL)
to select different ILIMIT
values
VUV = 100 VDC
VOV = 450 VDC
Figure 4. Y/R Package Line Sense and Externally Set Current
Limit.
Figure 5. P/G Package Line Sense.
Figure 6. P/G Package Externally Set Current Limit.
connected to SOURCE pin and 66 kHz if connected to
CONTROL pin. The switching frequency is internally set for
fixed 132 kHz operation in P and G packages.
SOURCE (S) Pin:
Output MOSFET source connection for high voltage power
return. Primary side control circuit common and reference point.
PI-2724-033001
Tab Internally
Connected to
SOURCE Pin
Y Package (TO-220-7C)
C
D
S
S
S
S
1 C
3 X
2 L
5 F
4 S
7 D
M
P Package (DIP-8B)
G Package (SMD-8B)
R Package
(TO-263-7C)
8
5
7
1
12 3 4 5
7
CL X S F
D
4
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com