Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3619B Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3619B
Description  400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3619B Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3619B Datasheet HTML 7Page - Linear Technology LTC3619B Datasheet HTML 8Page - Linear Technology LTC3619B Datasheet HTML 9Page - Linear Technology LTC3619B Datasheet HTML 10Page - Linear Technology LTC3619B Datasheet HTML 11Page - Linear Technology LTC3619B Datasheet HTML 12Page - Linear Technology LTC3619B Datasheet HTML 13Page - Linear Technology LTC3619B Datasheet HTML 14Page - Linear Technology LTC3619B Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3619B

3619bfa
AgeneralLTC3619BapplicationcircuitisshowninFigure2.
Externalcomponentselectionisdrivenbytheloadrequire-
ment, and begins with the selection of the inductor L. Once
the inductor is chosen, CIN and COUT can be selected.
Inductor Selection
Although the inductor does not influence the operat-
ing frequency, the inductor value has a direct effect on
ripple current. The inductor ripple current
ΔIL decreases
with higher inductance and increases with higher VIN or
VOUT:
ΔIL =
VOUT
fO •L
• 1
−
VOUT
VIN


(1)
Accepting larger values of
ΔIL allows the use of low
inductances, but results in higher output voltage ripple,
greater core losses, and lower output current capability.
A reasonable starting point for setting ripple current is
40% of the maximum output load current. So, for a 800mA
regulator,
ΔIL = 320mA (40% of 800mA).
The inductor value will also have an effect on Burst Mode
operation. The transition to low current operation begins
when the peak inductor current falls below a level set by
the internal burst clamp. Lower inductor values result in
higher ripple current which causes the transition to occur
at lower load currents. This causes a dip in efficiency in
the upper range of low current operation. Furthermore,
lower inductance values will cause the bursts to occur
with increased frequency.
Inductor Core Selection
Differentcorematerialsandshapeswillchangethesize/cur-
rent and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and do not radiate much energy, but generally cost
more than powdered iron core inductors with similar
electrical characteristics. The choice of which style induc-
tor to use often depends more on the price versus size
requirements, and any radiated field/EMI requirements,
than on what the LTC3619B requires to operate. Table 1
shows some typical surface mount inductors that work
well in LTC3619B applications.
Table 1. Representative Surface Mount Inductors
MANU-
FACTURER
PART NUMBER VALUE
MAX DC
CURRENT
DCR
HEIGHT
Coilcraft
LPS4012-152ML
LPS4012-222ML
LPS4012-332ML
LPS4012-472ML
LPS4018-222ML
LPS4018-332ML
LPS4018-472ML
1.5µH
2.2µH
3.3µH
4.7µH
2.2µH
3.3µH
4.7µH
2200mA
1750mA
1450mA
1450mA
2300mA
2000mA
1800mA
0.070Ω
0.100Ω
0.100Ω
0.170Ω
0.070Ω
0.080Ω
0.125Ω
1.2mm
1.2mm
1.2mm
1.2mm
1.8mm
1.8mm
1.8mm
FDK
FDKMIPF2520D
FDKMIPF2520D
FDKMIPF2520D
4.7µH
3.3µH
2.2µH
1100mA
1200mA
1300mA
0.11Ω
0.1Ω
0.08Ω
1mm
1mm
1mm
Murata
LQH32CN4R7M23 4.7µH
450mA
0.2Ω
2mm
Panasonic ELT5KT4R7M
4.7µH
950mA
0.2Ω
1.2mm
Sumida
CDRH2D18/LD
CDH38D11SNP-
3R3M
CDH38D11SNP-
2R2M
4.7µH
3.3μH
2.2μH
630mA
1560mA
1900mA
0.086Ω
0.115Ω
0.082Ω
2mm
1.2mm
1.2mm
Taiyo Yuden CB2016T2R2M
CB2012T2R2M
CB2016T3R3M
NR30102R2M
NR30104R7M
2.2µH
2.2µH
3.3µH
2.2µH
4.7µH
510mA
530mA
410mA
1100mA
750mA
0.13Ω
0.33Ω
0.27Ω
0.1Ω
0.19Ω
1.6mm
1.25mm
1.6mm
1mm
1mm
TDK
VLF3010AT4R7-
MR70
VLF3010AT3R3-
MR87
VLF3010AT2R2-
M1R0
VLF4012AT-2R2
M1R5
VLF5012ST-3R3
M1R7
VLF5014ST-2R2
M2R3
4.7µH
3.3µH
2.2µH
2.2µH
3.3μH
2.2µH
700mA
870mA
1000mA
1500mA
1700mA
2300mA
0.28Ω
0.17Ω
0.12Ω
0.076Ω
0.095Ω
0.059Ω
1mm
1mm
1mm
1.2mm
1.2mm
1.4mm
VIN
RUN2
RUN1
LTC3619B
VFB2
SW2
SW1
PGOOD1
PGOOD2
VFB1
CF2
CF1
GND
VIN
2.5V TO 5.5V
VOUT2
VOUT1
3619B F02
R4
R2
R3
R1
L2
L1
COUT2
COUT1
C1
RLIM
CLIM
RLIM
Figure 2. LTC3619B General Schematic
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com