Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLS30ZD Datasheet(PDF) 2 Page - Power-One

Part # HLS30ZD
Description  HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HLS30ZD Datasheet(HTML) 2 Page - Power-One

  HLS30ZD Datasheet HTML 1Page - Power-One HLS30ZD Datasheet HTML 2Page - Power-One HLS30ZD Datasheet HTML 3Page - Power-One HLS30ZD Datasheet HTML 4Page - Power-One HLS30ZD Datasheet HTML 5Page - Power-One HLS30ZD Datasheet HTML 6Page - Power-One HLS30ZD Datasheet HTML 7Page - Power-One HLS30ZD Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HLS30 Series – 30A Half-Brick DC/DC Converter
48V Input
Data Sheet
5.0V, 3.3V, 2.5V Output
Rev. 10/01
Page 2 of 8
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings may cause performance degradation, adversely effect
long-term reliability and cause permanent damage to the converter.
Parameter
Conditions/Description
Min
Max
Units
Input voltage
Continuous
Transient, 100mS
75
100
VDC
VDC
Operating Temperature
At 100% load
-40
100
°C
Storage Temperature
-40
125
°C
ON/OFF Control Voltage
Referenced to -Vin
50
VDC
Environmental and Mechanical Specifications
All specifications apply over specified input voltage, output load and temperature range, unless otherwise
noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Shock
Halfsine wave, 3 axes
50
g
Sinusoidal Vibration
GR-63-Core, Section 5.A.2
1
Weight
1.6/46
Oz/g
Water Washing
Standard process
Yes
MTBF
Per Bellcore TR-NWT-000332
1,780
kHrs
Isolation Specifications
All specifications apply over specified input voltage, output load and temperature range, unless otherwise
noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Insulation Safety Rating
Basic
Isolation Voltage
1500
VDC
Isolation Resistance
10
MOhm
Isolation Capacitance
1100
pF
Input Specifications
All specifications apply over specified input voltage, output load and temperature range, unless otherwise
noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Voltage
Continuous
36
48
75
VDC
Turn-On Input Voltage
Ramping Up
33
VDC
Turn-Off Input Voltage
Ramping Down
32
VDC
Turn-On Time
To Output Regulation Band
100% Resistive Load
5mS
Input Reflected Ripple Current
Full Load, 12uH source
inductance
80
mA p-p
Inrush Transient
Vin=Vin.max
0.1
A
2s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com