Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XCM524 Datasheet(PDF) 39 Page - Torex Semiconductor

Part # XCM524
Description  600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM524 Datasheet(HTML) 39 Page - Torex Semiconductor

Back Button XCM524 Datasheet HTML 35Page - Torex Semiconductor XCM524 Datasheet HTML 36Page - Torex Semiconductor XCM524 Datasheet HTML 37Page - Torex Semiconductor XCM524 Datasheet HTML 38Page - Torex Semiconductor XCM524 Datasheet HTML 39Page - Torex Semiconductor XCM524 Datasheet HTML 40Page - Torex Semiconductor XCM524 Datasheet HTML 41Page - Torex Semiconductor XCM524 Datasheet HTML 42Page - Torex Semiconductor XCM524 Datasheet HTML 43Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39/52
XCM524
Series
-6
-4
-2
0
2
4
0
1
2
3
4
5
-6
-4
-2
0
2
4
0
1
2
3
4
5
-6
-4
-2
0
2
4
0
1
2
3
4
5
-6
-4
-2
0
2
4
0
1
2
3
4
5
-6
-4
-2
0
2
4
0
1
2
3
4
5
-6
-4
-2
0
2
4
0
1
2
3
4
5
(15)Input Voltage Rising Response Time
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Time (20μs/div)
Inpit Voltage
Output Voltage
IROUT=1mA, tr= 5.0μs
VIN1=0→2.0V, CL1=4.7μF(ceramic)
VROUT=0.9V
Time (20μs/div)
Inpit Voltage
Output Voltage
IROUT=30mA, tr= 5.0μs
VIN1=0→2.0V, CL1=4.7μF(ceramic)
VROUT=0.9V
Time (20μs/div)
Inpit Voltage
Output Voltage
IROUT=100mA, tr= 5.0μs
VIN1=0→2.0V, CL1=4.7μF(ceramic)
VROUT=0.9V
Time (20μs/div)
Inpit Voltage
Output Voltage
IROUT=1mA, tr= 5.0μs
VIN1=0→2.8V, CL1=1.0μF(ceramic)
VROUT=1.8V
Time (20μs/div)
Inpit Voltage
Output Voltage
IROUT=100mA, tr= 5.0μs
VIN1=0→2.8V, CL1=1.0μF(ceramic)
VROUT=1.8V
Time (20μs/div)
Inpit Voltage
Output Voltage
IROUT=30mA, tr= 5.0μs
VIN1=0→2.8V, CL1=1.0μF(ceramic)
VROUT=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com