Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FLEX-B240-7/0.1 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # FLEX-B240-7/0.1
Description  25MIL (0.635mm) OKIFLEX-B&S Type (150V, 105째C)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FLEX-B240-7/0.1 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  FLEX-B240-7/0.1 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
Trading Division
Flat Cables
25MIL (0.635mm) OKIFLEX-B&S Type (150V, 105°C)
FLEX
-
*2
** - 7/0.1
Part Number (Details)
Cable Series
Colour Arrangement:
B2 = Grey colour with a red
edge for polarity and
continuous bonding
throughout
S2 = Grey colour with a red
edge including regular
30mm bonded and
70mm unbonded
sections
Number of Conductors
Cable Dimensions
Standard Cable Length
61 meters per reel
Colour Arrangement B2
Specifications
Conductor Resistance: 358
Ω/km max.
Insulation Resistance: 1M
Ω min. (km)
Dielectric Strength:
1,500V AC / minute
Flame Resistance:
VW-1
Materials and Finish
Insulation: PVC
Conductor: 30 AWG (7/0.1mm) stranded Cu-wire
Features
25MIL (0.635mm) pitch flat cable designed for termination
with high density (1.27mm) IDC connectors
Available in two versions, similar to the 50 MIL flat cable
– B type is bonded throughout for standard applications
– S type is bonded/unbonded at regular intervals resulting
in greater flexibility if required
UL Style No. 20028
Green
Bonded
(30mm)
Unbonded
(70mm)
Red edge
Part Number
No. of Conductors
Part Number
No. of Conductors
FLEX-*2 50-7/0.1
50
FLEX-B2 60-7/0.1
60
FLEX-B2 64-7/0.1
64
no S2-type
FLEX-*2 68-7/0.1
68
FLEX-B2 80-7/0.1
80
FLEX-B2 100-7/0.1
100
FLEX-B2 10-7/0.1
10
no S2-type
FLEX-B2 16-7/0.1
16
no S2-type
FLEX-B2 20-7/0.1
20
FLEX-*2 26-7/0.1
26
FLEX-B2 30-7/0.1
30
FLEX-B2 34-7/0.1
34
FLEX-*2 40-7/0.1
40
Notes
Notes
Red Edge
Insulation
Conductor
Min 0.16
Min 0.16
0.64
0.635
(Number of conductors –1) x 0.635
Number of conductors x 0.635


Similar Part No. - FLEX-B240-7/0.1

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
FLEX-10K ALTERA-FLEX-10K Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
FLEX-10K ALTERA-FLEX-10K Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
logo
HAMLIN Position and Mov...
FLEX-14 HAMLIN-FLEX-14 Datasheet
115Kb / 1P
Sub-miniature normally open switch with 14.00mm x 2.28mm
logo
Littelfuse
FLEX-14 LITTELFUSE-FLEX-14 Datasheet
377Kb / 2P
Axial Lead Reed Switches
logo
Mclennan Servo Supplie...
FLEX-6-NANO MCLENNAN-FLEX-6-NANO Datasheet
7Mb / 3P
64 Axis EtherCAT Motion Coordinator
More results

Similar Description - FLEX-B240-7/0.1

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FNS12-06400-00BF YAMAICHI-FNS12-06400-00BF Datasheet
104Kb / 4P
DIN41612 - IDC Type Socket, 64 96 Leads / 33MIL (0.847mm), Hitachi Cable (150V, 105째C)
FLEX-S416-7-0.1 YAMAICHI-FLEX-S416-7-0.1 Datasheet
56Kb / 1P
50MIL (1.27mm) OKIFLEX-S Type (300V, 105째C)
FS-FLEX-B8-7-0.127ALV YAMAICHI-FS-FLEX-B8-7-0.127ALV Datasheet
43Kb / 1P
50MIL (1.27mm) OKIFLEX-FS Type (150V, 60째C)
SFX-S220-7-0.13030-SV YAMAICHI-SFX-S220-7-0.13030-SV Datasheet
57Kb / 1P
25MIL (0.635mm) OKIFLEX-SFX Type (150V, 80째C)
SFX-S10-7-0.1273030-SV YAMAICHI-SFX-S10-7-0.1273030-SV Datasheet
55Kb / 1P
50MIL (1.27mm) OKIFLEX-SFX Type (150V, 80째C)
TFC30-96 YAMAICHI-TFC30-96 Datasheet
35Kb / 1P
33MIL (0.847mm), Hitachi Cable (150V, 105째C)
TPFLEX-N5P-7-0.127-250 YAMAICHI-TPFLEX-N5P-7-0.127-250 Datasheet
47Kb / 1P
50MIL (1.27mm) OKIFLEX-TP Type (150V, 80째C)
logo
Nichicon corporation
GYB_18 NICHICON-GYB_18_08 Datasheet
786Kb / 2P
Chip Type, 105째C High Reliability
GYB NICHICON-GYB Datasheet
758Kb / 2P
Chip Type, 105째C High Reliability
GYB NICHICON-GYB_18 Datasheet
761Kb / 2P
Chip Type, 105째C High Reliability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com