Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSTCR4M00G53-R0 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # CSTCR4M00G53-R0
Description  Specification of Piezoelectric Ceramic Resonator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCR4M00G53-R0 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  CSTCR4M00G53-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTCR4M00G53-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTCR4M00G53-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTCR4M00G53-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTCR4M00G53-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCR4M00G53-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCR4M00G53-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCR4M00G53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCR4M00G53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
仕様書番号
Drawing No. JGC42-4256A
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.
P. 5/12
6. 耐候性能 Environmental Characteristics
Item
試 験 条 件
Test Condition
試験後の規格
Specification
After Test
6-1
高温放置
Dry Heat
(Storage)
温度+85±2℃の恒温槽中に1000時間保持し、
常温に取出して、1時間後に測定する。
Components
shall
be
left
in
a
chamber
(Temperature: +85±2°C) for 1000 hours, then
measured after leaving in natural condition for 1
hour.
4-3及び4-9を満足しま
す。
The measured values
shall meet 4-3 and 4-9.
6-2
低温放置
Cold
(Storage)
温度-55±2℃の恒温槽中に1000時間保持し、
常温に取出し1時間放置後測定する。
Components
shall
be
left
in
a
chamber
(Temperature: -55±2°C) for 1000 hours, then
measured after leaving in natural condition for 1
hour.
表1及び4-3を満足しま
す。
The measured values
shall meet Table 1 and
4-3.
6-3
耐湿特性
Humidity
温度+60±2℃湿度90 +−
5
0
%R.H.の恒温恒湿槽中
にて1000時間保持した後、常温に取り出して1
時間後に測定する。
Components shall be left in a chamber (90 to
95%R.H.
at
+60±2°C)
1000
hours,
then
measured after leaving in natural condition for 1
hour.
表1及び4-3を満足しま
す。
The measured values
shall meet Table 1 and
4-3.
6-4
熱衝撃特性
Thermal Shock
温度-55
°Cの恒温槽中に30分間保持後、温度
+85
°Cの恒温槽中に直ちに移し、30分間保持す
る。これを1サイクルとし、全10サイクル行
い、常温に取り出して1時間後に測定する。
After performing 10 cycles of thermal test (-
55°C 30 minutes to +85°C 30 minutes),
components shall be left in natural condition for
1 hour.
表1及び4-3を満足しま
す。
The measured values
shall meet Table 1 and
4-3.
表1
Table 1.
Item
試験後の変化量
Specification After Test
発振周波数
Oscillating Frequency
±0.2%以内(初期値に対し)
±0.2%max. (from initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com