Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CJ2M-CPU32 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # CJ2M-CPU32
Description  SYSMAC CJ-series CJ2M CPU Units
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU32 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button CJ2M-CPU32 Datasheet HTML 9Page - Omron Electronics LLC CJ2M-CPU32 Datasheet HTML 10Page - Omron Electronics LLC CJ2M-CPU32 Datasheet HTML 11Page - Omron Electronics LLC CJ2M-CPU32 Datasheet HTML 12Page - Omron Electronics LLC CJ2M-CPU32 Datasheet HTML 13Page - Omron Electronics LLC CJ2M-CPU32 Datasheet HTML 14Page - Omron Electronics LLC CJ2M-CPU32 Datasheet HTML 15Page - Omron Electronics LLC CJ2M-CPU32 Datasheet HTML 16Page - Omron Electronics LLC CJ2M-CPU32 Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
CJ2M-CPU3
@/-CPU1@
Peripheral (USB) Port
EtherNet/IP Port
Built-in Serial Port (Only CJ2M-CPU1
@)
* Baud rates for the RS-232C are specified only up to 19.2 kbps. The CJ Series supports serial communications from 38.4 kbps to 115.2 kbps,
but some computers cannot support these speeds. Lower the baud rate if necessary.
Note: Do not use the 5-V power from pin 6 of the RS-232C port for anything but CJ1W-CIF11 RS-422A Conversion Adapter, NT-AL001 RS-232C/
RS-422A Conversion Adapter and NV3W-M_20L Programmable Terminal. The external device or the CPU Unit may be damaged.
Item
Specification
Baud Rate
12 Mbps max.
Transmission Distance
5 m max.
Interface
USB 2.0-compliant B-type connector
Protocol
Peripheral Bus
Item
Specification
Media Access Method
CSMA/CD
Modulation
Baseband
Transmission Paths
Star
Baud Rate
100 Mbps (100Base-TX)
Transmission Media
Shielded twisted-pair (STP) cable; Categories: 5, 5e
Transmission Distance
100 m (between hub and node)
Number of Cascade Connections
No restrictions if switching hub is used.
Communications
CIP Communications (tag data links, Explicit Messages).
FINS communications
Item
Specification
Communications method
Half duplex
Synchronization
Start-stop
Baud rate
0.3/0.6/1.2/2.4/4.8/9.6/19.2/38.4/57.6/115.2 kbps
*
Transmission distance
15 m max.
Interface
EIA RS-232C
Protocol
Host Link, NT Link, 1:N, No-protocol, or Peripheral Bus
Pin No.
Signal
Name
Direction
1
FG
Protection earth
−
2
SD (TXD)
Send data
Output
3
RD (RXD)
Receive data
Input
4
RS (RTS)
Request to send
Output
5
CS (CTS)
Clear to send
Input
6
5 V
Power supply
−
7
DR (DSR)
Data set ready
Input
8
ER (DTR)
Data terminal ready
Output
9
SG (0 V)
Signal ground
−
Connector hood
FG
Protection earth
−
5
1
9
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com