Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KIA78R015ZF/ZPI Datasheet(PDF) 9 Page - KEC(Korea Electronics)

Part # KIA78R015ZF/ZPI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R015ZF/ZPI Datasheet(HTML) 9 Page - KEC(Korea Electronics)

  KIA78R015ZF/ZPI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R015ZF/ZPI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R015ZF/ZPI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R015ZF/ZPI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R015ZF/ZPI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R015ZF/ZPI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R015ZF/ZPI Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R015ZF/ZPI Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R015ZF/ZPI Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
2010. 2. 2
9/9
KIA78R000ZF/ZPI~~KIA78R050ZF/ZPI
Revision No : 0
Fig. 14 IOUT - R.R
OUTPUT CURRENT IO (A)
0.0
30
35
40
45
50
55
60
65
70
75
80
0.2
0.4
0.6
0.8
1.0
Fig. 15 PD - Ta (F-Type : DPAK-5)
Fig. 16 PD - Ta (PI-Type : TO-220IS-4)
ei(rms)=0.5V, f=120Hz
V
IN=VO(Typ.)+2V
V
C=2.7V, CO=47µF,
Ta=25 C
Fig. 13 fIN - R.R
INPUT RIPPLE FREQUENCY fIN (kHz)
0.1
0
10
20
30
40
50
60
70
80
110
100
ei(rms)=0.5V,
V
IN=VO(Typ.)+2V
V
C=2.7V, IO=0.5A,
C
O
=47
µF, Ta=25 C
AMBIENT TEMPERATURE Ta ( C)
0
150
50
100
3
0
6
9
15
12
THERMAL RESISTANCE
J-C
9.62
J-A
96.2
C/W
AMBIENT TEMPERATURE Ta ( C)
-25
150
050
100
0
5
10
20
15
THERMAL RESISTANCE
J-C
8.33
J-A
83.3
C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com