Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E3X-DRT21 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3X-DRT21
Description  Communications Units for E3X-DA-N-series Fiber Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DRT21 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3X-DRT21 Datasheet HTML 1Page - Omron Electronics LLC E3X-DRT21 Datasheet HTML 2Page - Omron Electronics LLC E3X-DRT21 Datasheet HTML 3Page - Omron Electronics LLC E3X-DRT21 Datasheet HTML 4Page - Omron Electronics LLC E3X-DRT21 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E3X-DRT21/SRT21/CIF11
2
Ordering Information
Communications Units
Terminal-block Unit
Fiber Amplifier with Incident Level Monitoring Function*
Wiring-reduction Connector*
* Order Fiber Amplifiers and Wiring-reduction Connectors as sets.
Ratings and Specifications
Communications Units
*1. Connection is not supported for Pre-wired Amplifiers (e.g., E3X-DA11-N) and water-resistant Amplifiers (e.g., E3X-DA11V).
*2. Connection is supported for products manufactured on or after the date shown below (indicated with the lot number).
Connection is also supported for models with “MADE IN JAPAN” on the cover underlined.
*3. Does not include the current supplied to the Fiber Amplifier.
Terminal-block Unit
Communications method
Model
DeviceNet
E3X-DRT21
CompoBus/S
E3X-SRT21
RS-422
E3X-CIF11
Communications method
Model
All communications methods
E39-TM1
Communications method
Model
All communications methods
E3X-DA6-P
Communications method
Model
---
E3X-CN02
Item
Model
E3X-DRT21
E3X-SRT21
E3X-CIF11
Communications method
DeviceNet
CompoBus/S
RS-422
Connectable Fiber Amplifiers *1
*2 E3X-DA6, E3X-DA8, E3X-DAB6, E3X-DAB8, E3X-DAG6, E3X-DAG8
E3X-DA6TW, E3X-DA8TW, E3X-DA6-P, E39-TM1
Number of connectable Fiber
Amplifiers
16 max.
14 max.
16 max.
Power supply voltage
11 to 25 VDC
14 to 26.4 VDC
11.4 to 26.4 VDC
(12 VDC
−5% to 24 VDC +10%)
Internal current consumption *3 70 mA max.
30 mA max.
40 mA max.
Ambient temperature
Operating:
−20 to 55°C, Storage: −30 to 70°C (with no icing or condensation)
Ambient humidity
35% to 85% (with no condensation)
Weight (packed state)
Approx. 150 g
Approx. 200 g
Lot No.1 8 6 0 1
Manufactured on 18 June 2001.
Last two digits of the year of manufacture.
Month of manufacture. October, November, and December are represented with X, Y, and Z respectively.
Day of manufacture.
Item
Model
E39-TM1
Power supply voltage*1
12 to 24 VDC
±10%, ripple (p-p) 10% max.
Sensor power supply
11 to 23 VDC (power supply voltage
−1 V)
Current consumption
40 mA max. + Sensor current consumption (total: 100 mA max.)
Response speed
1.2 ms max.
Number of inputs
1 point
Input signals
NPN/PNP no-voltage input (contact and non-contact), switchable
Input operating configuration N.O./ N.C., switchable
Indicators
Input signal display (orange)
Ambient temperature*2
Operating:
Groups of 1 to 3 Units:
−25 to 55°C (with no icing or condensation)
Groups of 4 to 8 Units:
−25 to 45°C (with no icing or condensation)
Groups of 9 to 16 Units:
−25 to 40°C (with no icing or condensation)
Storage:
−30 to 70°C
*1. The power supply for the E39-
TM1 is provided from the
Communications Unit (order
separately). Use an E3X-CN02
(order separately) Connector.
*2. When 4 or more Units are grouped
together, the current consumption
per Unit must not exceed 75 mA.
When using together with the
E3X-DA-N Fiber Amplifiers,
connect the E39-TM1 Units at the
end of the group.
In this case, the upper limit for the
ambient temperature for the E3X-
DA-N Amplifiers is the rated upper
limit
−5°C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com