Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5AN-R3HML-500-N Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E5AN-R3HML-500-N
Description  Basic-type Digital Temperature Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AN-R3HML-500-N Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E5AN-R3HML-500-N Datasheet HTML 7Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 8Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 9Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 10Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 11Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 12Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 13Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 14Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
E5AN/E5EN
Accessories (Order Separately)
Mounting Bracket
(Accessory)
Waterproof
Packing
(Accessory)
Terminal Cover
(E53-COV16)
(Accessory)
Crimp terminal size: M3.5
96
112
48
79.2
6
91
2
E5EN
92
+0.8
0
92
+0.8
0
45
+0.6
0
120 min.
(48
× number of units − 2.5)
+1.0
0
Group mounting does not
allow waterproofing.
Mounted Separately
Group Mounted
• Recommended panel thickness is 1 to 8 mm.
• Group mounting is not possible in the vertical direction.
(Maintain the specified mounting space between
Controllers.)
• To mount the Controller so that it is waterproof, insert the
waterproof packing onto the Controller.
• When two or more Controllers are mounted, make sure
that the surrounding temperature does not exceed the
allowable operating temperature specified in the
specifications.
(2,100)
250
1,765
USB connector (type A plug)
Serial connector
LED (RD)
LED (SD)
USB-Serial Conversion Cable
E58-CIFQ1
Terminal Covers
E53-COV16 (Six Covers provided.)
10
1.2
3.2
44.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com