Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5GN-R103L-FLK Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # E5GN-R103L-FLK
Description  Basic-type Digital Temperature Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5GN-R103L-FLK Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button E5GN-R103L-FLK Datasheet HTML 9Page - Omron Electronics LLC E5GN-R103L-FLK Datasheet HTML 10Page - Omron Electronics LLC E5GN-R103L-FLK Datasheet HTML 11Page - Omron Electronics LLC E5GN-R103L-FLK Datasheet HTML 12Page - Omron Electronics LLC E5GN-R103L-FLK Datasheet HTML 13Page - Omron Electronics LLC E5GN-R103L-FLK Datasheet HTML 14Page - Omron Electronics LLC E5GN-R103L-FLK Datasheet HTML 15Page - Omron Electronics LLC E5GN-R103L-FLK Datasheet HTML 16Page - Omron Electronics LLC E5GN-R103L-FLK Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
E5GN
16
Current Transformers
Order the Waterproof Packing separately if it becomes lost or damaged.
The Waterproof Packing can be used to achieve an IP66 degree of protection.
(Deterioration, shrinking, or hardening of the waterproof packing may occur depending on the
operating environment. Therefore, periodic replacement is recommended to ensure the level of
waterproofing specified in IP66. The time for periodic replacement depends on the operating
environment. Be sure to confirm this point at your site. Consider one year a rough standard.
OMRON shall not be liable for the level of water resistance if the customer does not perform
periodic replacement.)
The Waterproof Packing does not need to be attached if a waterproof structure is not required.
Waterproof Packing
Y92S-32 (for DIN 48
× 24)
E54-CT3 Accessory
• Armature
30
21
15
5.8 dia.
25
3
40
10.5
2.8
7.5
10
Two, 3.5 dia.
40
× 40
30
12 dia.
9
2.36 dia.
15
30
Two, M3 (depth: 4)
Approx. 3 dia.
18
(22)
Approx. 6 dia.
Plug
Armature
Lead
E54-CT1
E54-CT3
Connection Example
• Plug
E54-CT1
Thru-current (Io) vs. Output Voltage
(Eo) (Reference Values)
Maximum continuous heater current: 50 A (50/60 Hz)
Number of windings: 400±2
Winding resistance: 18±2
Ω
Thru-current (Io) A (r.m.s.)
1
10
100 mA
1
10
100 1,000 A
100 V
50 Hz
Distortion
factor 10%
3%
1%
100
Ω
RL = 10
Ω
∞
10
1
100 mV
10
1
100
µV
10
1 k
Ω
E54-CT3
Thru-current (Io) vs. Output Voltage
(Eo) (Reference Values)
Maximum continuous heater current: 120 A (50/60 Hz)
(Maximum continuous heater current for the
Temperature Controller is 50 A.)
Number of windings: 400±2
Winding resistance: 8±0.8
Ω
3%
1%
1 k
Ω
100
Ω
50
Ω
RL = 10
Ω
500
Ω
∞
Distor-
tion
factor
10%
Thru-current (Io) A (r.m.s.)
1
10
100 mA
1
10
100 1,000 A
100 V
50 Hz
10
1
100 mV
10
1
100
µV
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com