Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP7365 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7365
Description  600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7365 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7365 Datasheet HTML 1Page - Diodes Incorporated AP7365 Datasheet HTML 2Page - Diodes Incorporated AP7365 Datasheet HTML 3Page - Diodes Incorporated AP7365 Datasheet HTML 4Page - Diodes Incorporated AP7365 Datasheet HTML 5Page - Diodes Incorporated AP7365 Datasheet HTML 6Page - Diodes Incorporated AP7365 Datasheet HTML 7Page - Diodes Incorporated AP7365 Datasheet HTML 8Page - Diodes Incorporated AP7365 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AP7365
600mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7365
Document number: DS32260 Rev. 1 - 2
2 of 21
www.diodes.com
July 2010
© Diodes Incorporated
Typical Application Circuit
1uF
IN
GND
EN
OUT
Enable
ADJ
R2
R1
1uF
VIN
VOUT
AP7365
Adjustable Output
1uF
IN
GND
EN
OUT
Enable
1uF
VIN
VOUT
AP7365
Fixed Output
Ω
⎟⎟
⎜⎜
+
=
K
80
R
where
R
R
1
V
V
2
2
1
REF
OUT
Pin Descriptions
Pin
Name
Pin Number
Description
SOT25
(fixed)
SOT25
(adj)
DFN2020-6
(fixed)
DFN2020-6
(adj)
SOT89/
SOT223
SOT89R/
SOT223R
IN
1
1
3
3
3
2
Voltage input pin. Bypass to
ground through at least 1µF
MLCC capacitor
GND
2
2
2
2
2
1
Ground
EN
3
3
1
1
-
-
Enable input, active high
ADJ
-
4
-
6
-
-
Output feedback pin
NC
4
-
5, 6
5
-
-
No connection
OUT
5
5
4
4
1
3
Voltage output pin. Bypass
to ground through 1µF
MLCC capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com