Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL2205EECPYA Datasheet(PDF) 1 Page - E-SWITCH

Part # TL2205EECPYA
Description  ILLUMINATED PUSHBUTTON SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL2205EECPYA Datasheet(HTML) 1 Page - E-SWITCH

  TL2205EECPYA Datasheet HTML 1Page - E-SWITCH TL2205EECPYA Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SERIES TL2205 SWITCHES
www.e-switch.com
email: info@e-switch.com
7153 NORTHLAND DRIVE NORTH
PHONE: 800-867-2717
MINNEAPOLIS, MN 55428
FAX: 763-531-8235
ILLUMINATED PUSHBUTTON SWITCH
FEATURES & BENEFITS
Momentary or latching designs
Long travel
Illumination options
APPLICATIONS / MARKETS
Telecommunications
Networking
Low power on/off designs
Computers/servers
Performance audio
MECHANICAL SPECIFICATIONS
HOW TO ORDER:
ELECTRICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
Mechanical Life:
10,000 cycles
Force:
250 +/- 100 grams
Travel:
Full: 2.5 +/- 0.3mm; To Lock: 1.5 +/- 0.3mm
Contact Arrangement:
DPDT
Contact Rating:
30VDC, 100mA
Contact Resistance:
50mW (initial max)
Insulation Resistance:
100MW (Min @ 500VDC)
Dielectric Strength:
500VAC
Operating Temperature:
-20ºC to +70ºC
Storage Temperature:
-20ºC to +70ºC
PLUNGER “L”
SERIES
BUTTON
TERMINATION
B = 3.7 LED Spacing
C = 5.7 LED Spacing
P = Thru Hole
A = Without Button
B = Black w/LED Window*
*Only available with “B” plunger
TL2205
Specifications subject to change without notice.
Parts are tray packaged.
MECHANICAL
CONFIGURATION
OA = Momentary
EE = Latching
LED COLOR
B = Blue
R = Red
G = Green
Y = Yellow
X = Without


Similar Part No. - TL2205EECPYA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL220 ETC2-TL220 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
TL220 ETC2-TL220 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
logo
E-SWITCH
TL2201 E-SWITCH-TL2201 Datasheet
376Kb / 3P
PUSHBUTTON SWITCHES - SUB MINIATURE
TL2201EEYB.09BLK E-SWITCH-TL2201EEYB.09BLK Datasheet
376Kb / 3P
PUSHBUTTON SWITCHES - SUB MINIATURE
More results

Similar Description - TL2205EECPYA

ManufacturerPart #DatasheetDescription
logo
GREATECS
PB40 GREATECS-PB40 Datasheet
1Mb / 7P
Illuminated Pushbutton Switch with LED
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
ILLUMINATED PUSHBUTTON
LP37 E-SWITCH-LP37 Datasheet
293Kb / 2P
ILLUMINATED PUSHBUTTON SWITCH
WBL E-SWITCH-WBL Datasheet
955Kb / 2P
ILLUMINATED PUSHBUTTON SWITCH
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
logo
List of Unclassifed Man...
YB2 ETC-YB2 Datasheet
4Mb / 15P
illuminated pushbutton switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com