Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7481ARMZ Datasheet(PDF) 12 Page - ON Semiconductor

Part # ADT7481ARMZ
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7481ARMZ Datasheet(HTML) 12 Page - ON Semiconductor

Back Button ADT7481ARMZ Datasheet HTML 8Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 9Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 10Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 11Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 12Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 13Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 14Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 15Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADT7481
http://onsemi.com
12
Consecutive ALERT Register
The value written to this register determines how many
out−of−limitmeasurements must occur before an ALERT is
generated. The default value is that one out−of−limit
measurement generates an ALERT. The maximum value
that can be chosen is 4.
The purpose of this register is to allow the user to perform
some filtering of the output. This is particularly useful at the
fastest three conversion rates, where no averaging takes
place. This register is at Address 0x22. This register has
other functions that are listed in Table 10.
Table 10. Consecutive ALERT Register Bit
Bit
Name
Description
7
SCL
Timeout
Set to 1, enables the SMBus SCL
timeout bit. Default = 0 = timeout
disabled. See the Serial Bus Interface
section for more information.
6
SDA
Timeout
Set to 1 to enable the SMBus SDA
Timeout Bit. Default = 0 = Timeout
disabled. See the Serial Bus Interface
section for more information.
5
Mask Local
Setting this bit to 1 masks
ALERTs
due to the local temperature
exceeding a programmed limit.
Default = 0.
4
Res
Reserved for future use.
<3:0>
Consecutive
ALERT
These bits set the number of
consecutive out−of−limit
measurements that have to occur
before an
ALERT is generated.
000x = 1
001x = 2
011x = 3
111x = 4
Table 11. List of Registers
Read
Address
(Hex)
Write
Address
(Hex)
Mnemonic
Power−On Default
Comment
Lock
N/A
N/A
Address Pointer
Undefined
No
00
N/A
Local Temperature Value
0000 0000 (0x00)
No
01
N/A
Remote 1 Temperature Value High Byte
0000 0000 (0x00)
Bit 3 Conf Reg = 0
No
01
N/A
Remote 2 Temperature Value High Byte
0000 0000 (0x00)
Bit 3 Conf Reg = 1
No
02
N/A
Status Register 1
Undefined
No
03
09
Configuration Register 1
0000 0000 (0x00)
Yes
04
0A
Conversion Rate/Channel Selector
0000 0111 (0x07)
Yes
05
0B
Local Temperature High Limit
0101 0101 (0x55) (85°C)
Yes
06
0C
Local Temperature Low Limit
0000 0000 (0x00) (0°C)
Yes
07
0D
Remote 1 Temp High Limit High Byte
0101 0101 (0x55) (85°C)
Bit 3 Conf Reg = 0
Yes
07
0D
Remote 2 Temp High Limit High Byte
0101 0101 (0x55) (85°C)
Bit 3 Conf Reg = 1
Yes
08
0E
Remote 1 Temp Low Limit High Byte
0000 0000 (0x00) (0°C)
Bit 3 Conf Reg = 0
Yes
08
0E
Remote 2 Temp Low Limit High Byte
0000 0000 (0x00) (0°C)
Bit 3 Conf Reg = 1
Yes
N/A
0F
(Note 1)
One−Shot
N/A
10
N/A
Remote 1 Temperature Value Low Byte
0000 0000
Bit 3 Conf Reg = 0
No
10
N/A
Remote 2 Temperature Value Low Byte
0000 0000
Bit 3 Conf Reg = 1
No
11
11
Remote 1 Temperature Offset High Byte
0000 0000
Bit 3 Conf Reg = 0
Yes
11
11
Remote 2 Temperature Offset High Byte
0000 0000
Bit 3 Conf Reg = 1
Yes
12
12
Remote 1 Temperature Offset Low Byte
0000 0000
Bit 3 Conf Reg = 0
Yes
12
12
Remote 2 Temperature Offset Low Byte
0000 0000
Bit 3 Conf Reg = 1
Yes
13
13
Remote 1 Temp High Limit Low Byte
0000 0000
Bit 3 Conf Reg = 0
Yes
13
13
Remote 2 Temp High Limit Low Byte
0000 0000
Bit 3 Conf Reg = 1
Yes
14
14
Remote 1 Temp Low Limit Low Byte
0000 0000
Bit 3 Conf Reg = 0
Yes
14
14
Remote 2 Temp Low Limit Low Byte
0000 0000
Bit 3 Conf Reg = 1
Yes
19
19
Remote 1 THERM Limit
0101 0101 (0x55) (85°C)
Bit 3 Conf Reg = 0
Yes
19
19
Remote 2 THERM Limit
0101 0101 (0x55) (85°C)
Bit 3 Conf Reg = 1
Yes
20
20
Local THERM Limit
0101 0101 (0x55) (85°C)
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com