Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7482ARMZ Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADT7482ARMZ
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7482ARMZ Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADT7482ARMZ Datasheet HTML 4Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 5Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 6Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 7Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 8Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 9Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 10Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 11Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADT7482
http://onsemi.com
8
Figure 15. Input Signal Conditioning
I
N1
y IN2 y I
IBIAS
VDD
VOUT+
TO ADC
VOUT–
REMOTE
SENSING
TRANSISTOR
NOTE: CAPACITOR C1 IS OPTIONAL.
D+
D–
C1
BIAS
DIODE
LOW−PASS FILTER
fC = 65kHz
IT SHOULD ONLY BE USED IN NOISY ENVIRONMENTS.
Temperature Measurement Results
The results of the local and remote temperature
measurements are stored in the local and remote temperature
value registers and are compared with limits programmed
into the local and remote high and low limit registers.
The local temperature measurement is an 8−bit
measurement with 1
°C resolution. The remote temperature
measurements are 10−bit measurements, with the 8 MSBs
stored in one register and the 2 LSBs stored in another register.
Table 1 is a list of the temperature measurement registers.
Table 1. Register Address for the Temperature Values
Temperature
Channel
Register Address,
MSBs
Register Address,
LSBs
Local
0x00
N/A
Remote 1
0x01
0x10 (2 MSBs)
Remote 2
0x30
0x33 (2 MSBs)
Set Bit 3 of the Configuration 1 register to 1, to read the
Remote 2 temperature values from the following register
addresses:
• Remote 2, MSBs = 0x01
• Remote 2, LSBs = 0x10
The above is true only when Bit 3 of the Configuration 1
register is set. To read the Remote 1 temperatures, switch
this bit back to 0.
Only the two MSBs in the remote temperature low byte
are used. This gives the remote temperature measurement a
resolution of 0.25
°C. Table 2 shows the data format for the
remote temperature low byte.
Table 2. Extended Temperature Resolution
(Remote Temperature Low Byte)
Extended Resolution
Remote Temperature Low Byte
0.00°C
0 000 0000
0.25°C
0 100 0000
0.50°C
1 000 0000
0.75°C
1 100 0000
When reading the full remote temperature value, both the
high and low byte, the two registers should be read LSB first
and then MSB. Reading the LSB causes the MSB to be
locked until it is read. This guarantees that the two values are
read as a result of the same temperature measurement.
Temperature Measurement Range
The temperature measurement range for both local and
remote measurements is, by default, 0
°C to +127°C.
However, the ADT7482 can be operated using an extended
temperature range. It can measure the full temperature range
of a remote thermal diode, from −55
°C to +150°C. Switch
between these two temperature ranges by setting or clearing
Bit 2 in the Configuration 1 register. A valid result is
available in the next measurement cycle after changing the
temperature range.
In extended temperature mode, the upper and lower
temperature measured by the ADT7482 is limited by the
remote diode selection. The temperature registers
themselves can have values from −64
°C to +191°C.
However, most temperature−sensing diodes have a
maximum temperature range of −55
°C to +150°C.
Note that while both local and remote temperature
measurements can be made while the part is in extended
temperature mode, the ADT7482 itself should not be
exposed to temperatures greater than those specified in the
Absolute Maximum Ratings section. Further, the device is
only guaranteed to operate as specified at ambient
temperatures from −40
°C to +120°C.
Temperature Data Format
When the measurement range is in extended mode, an
offset binary data format is used for both local and remote
results. Temperature values in the offset binary data format
are offset by +64. Examples of temperatures in both data
formats are shown in Table 3.
Switching between measurement ranges can be done at
any time. Switching the range also switches the data format.
The next temperature result following the switching is
reported back to the register in the new format. However, the
contents of the limit registers do not change. Ensure that
when the data format changes, the limit registers are
reprogrammed as necessary. For more information, refer to
the Limit Registers section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com