Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSL3250A_0912 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SSL3250A_0912
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A_0912 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SSL3250A_0912 Datasheet HTML 2Page - NXP Semiconductors SSL3250A_0912 Datasheet HTML 3Page - NXP Semiconductors SSL3250A_0912 Datasheet HTML 4Page - NXP Semiconductors SSL3250A_0912 Datasheet HTML 5Page - NXP Semiconductors SSL3250A_0912 Datasheet HTML 6Page - NXP Semiconductors SSL3250A_0912 Datasheet HTML 7Page - NXP Semiconductors SSL3250A_0912 Datasheet HTML 8Page - NXP Semiconductors SSL3250A_0912 Datasheet HTML 9Page - NXP Semiconductors SSL3250A_0912 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SSL3250A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 16 December 2009
6 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
8.2.1 Using the direct enable control
When the Direct enable mode is used, the device can be switched to the various
operational modes using the ACT, EN1 and EN2 control signals. The definition of these
control signals is given in Table 5. The current in the main LED, in Torch mode and Flash
mode and the LED current in the indicator LED can be independently controlled by the
external current setting resistors R_IND, R_TR and R_FL. When no external current
setting resistors are used, the pins should preferably be connected to VIN and the default
current levels for each LED.
The relation between the ACT and EN1, EN2 signals is given in Figure 4. All modes can
be entered from the Standby mode. Entering Torch mode or Indicator mode before
entering Flash mode is not required.
8.2.2 Using the I2C control
Using the I2C mode enables additional features and settings as described in the I2C
register set (see Table 6). The I2C mode has the same operational modes as described in
Section 8.2.1, Figure 4. The Flash mode is entered in two steps:
1. Set the correct current and timing values in the current control and timing registers.
This arms the device for the required flash operation.
Table 5.
Enable definition
ACT
EN2
EN1
Operational mode
LED active
0
X
X
Shut-down mode
-
1
0
0
Standby mode
-
1
0
1
Indicator mode
indicator LED
1
1
0
Torch mode
main LED
1
1
1
Flash mode
main LED
Fig 4.
Functional description of the SSL3250A
Standby
Indicator
Flash
Torch
Indicator
EN2
EN1
Shut-down
tstart(soft)
ACT
Torch
014aaa294
Main LED
current
Indicator
LED current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com