Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM3P2855D Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM3P2855D
Description  Custom Clock Generator for FAX System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2855D Datasheet(HTML) 4 Page - ON Semiconductor

  ASM3P2855D Datasheet HTML 1Page - ON Semiconductor ASM3P2855D Datasheet HTML 2Page - ON Semiconductor ASM3P2855D Datasheet HTML 3Page - ON Semiconductor ASM3P2855D Datasheet HTML 4Page - ON Semiconductor ASM3P2855D Datasheet HTML 5Page - ON Semiconductor ASM3P2855D Datasheet HTML 6Page - ON Semiconductor ASM3P2855D Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ASM3P2855D
Rev. 1 | Page 4 of 7 | www.onsemi.com
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
XIN / CLKIN
Input frequency
24
MHz
FOUT
Output frequency
At Pin 12
24
MHz
At Pins 7,8,9,10,11
54.80
At Pins 13,14,15
50
At Pin 16
19.52
tLH
1
Output rise time (measured from 20% to 80%)
1.0
nS
tHL
1
Output fall time (measured from 80% to 20%)
1.0
nS
tD
Output duty cycle
45
50
55
%
tJP
Period Jitter (Unloaded Outputs)
±275
pS
Note: 1. tLH and tHL are measured into a capacitive load of 15pF.
Period Jitter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com