Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XF0652P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0652P
Description  L16PLT10FREDRED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0652P Datasheet(HTML) 1 Page - E-SWITCH

  XF0652P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
L16PLT10FREDRED
2:1
10/19/2005
XF0652P
A
PH
1
1
PANEL MOUNTING
1
1
F040001
L16PLT10
2
1
F050412
50-004-12 110V AC NEON RED
3
1
F050204
50-002-04 RED LENS CONCAVE
PARTS LIST
ITEM
QTY
PART NUMBER
DESCRIPTION
L
b(+)
a
CIRCUIT
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. OPERATING TEMP: -25
~C to +55~C
5. STORAGE TEMP: -40
~C TO +85~C
6. LAMP VOLTAGE: 110V AC
7.
DENOTES CRITICAL PARAMETER.
24.00 MIN
[.945 in]
18.00 MIN
[.709 in]
16.00
n
- .00
.30
+
.630 -.000
.012
+
in
[]
27.00 `.50
1.063 `.020 in
[]
3.60
[.142 in]
10.80
[.425 in]
1
A
15401
RELEASED FOR PRODUCTION
10/19/05
PH
18.00
[.709 in]
24.00
[.945 in]
10.40
[.409 in]
n2.00
[.079 in]
3
2


Similar Part No. - XF0652P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0650P E-SWITCH-XF0650P Datasheet
125Kb / 1P
All Dimension In MM
XF0651P E-SWITCH-XF0651P Datasheet
128Kb / 1P
All Dimension In MM
XF0653P E-SWITCH-XF0653P Datasheet
123Kb / 1P
L16PLT10LGRN
logo
XFMRS Inc.
XF0654HV-CMC160 XFMRS-XF0654HV-CMC160 Datasheet
2Mb / 4P
Inductance Range
logo
E-SWITCH
XF0654P E-SWITCH-XF0654P Datasheet
77Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com