Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

56F8014 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56F8014_08 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
56F8014 Signal Pins
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
21
TDO
(GPIOD1)
31
Output
Input/
Output
Output
Test Data Output — This tri-stateable output pin provides a serial
output data stream from the JTAG/EOnCE port. It is driven in the
shift-IR and shift-DR controller states, and changes on the falling
edge of TCK.
Port D GPIO — This GPIO pin can be individually programmed as
an input or output pin.
After reset, the default state is TDO.
GPIOB0
(SCLK)
(SCL3)
21
Input/
Output
Input/
Output
Input/
Output
Input with
internal
pull-up
enabled
Port B GPIO — This GPIO pin can be individually programmed as
an input or output pin.
SPI Serial Clock — In the master mode, this pin serves as an
output, clocking slaved listeners. In slave mode, this pin serves as
the data clock input. A Schmitt trigger input is used for noise
immunity.
Serial Data — This pin serves as the I2C serial clock.
After reset, the default state is GPIOB0. The alternative peripheral
functionality is controlled via the SIM. See Section 6.3.8.
3. This signal is also brought out on the GPIOB7 pin.
GPIOB1
(SS)
(SDA4)
1
Input/
Output
Input
Input/
Output
Input with
internal
pull-up
enabled
Port B GPIO — This GPIO pin can be individually programmed as
an input or output pin.
SPI Slave Select — SS is used in slave mode to indicate to the SPI
module that the current transfer is to be received.
Serial Clock — This pin serves as the I2C serial data line.
After reset, the default state is GPIOB1. The alternative peripheral
functionality is controlled via the SIM. See Section 6.3.8.
4. This signal is also brought out on the GPIOB6 pin.
Return to Table 2-2
Table 2-3 56F8014 Signal and Package Information for the 32-Pin LQFP (Continued)
Signal
Name
LQFP
Pin No.
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com