Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56L307 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # DSP56L307
Description  24-Bit Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56L307 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button DSP56L307 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
DSP56L307 Technical Data, Rev. 6
2-2
Freescale Semiconductor
Specifications
2.2 Thermal Characteristics
Table 2-1.
Absolute Maximum Ratings
Rating1
Symbol
Value1, 2
Unit
Supply Voltage
VCC
–0.1 to 2.0
V
Input/Output Supply Voltage
VCCQH
–0.3 to 4.0
V
All input voltages
VIN
GND – 0.3 to VCCQH + 0.3
V
Current drain per pin excluding VCC and GND
I
10
mA
Operating temperature range
TJ
–40 to +100
°C
Storage temperature
TSTG
–55 to +150
°C
Notes:
1.
GND = 0 V, VCC = 1.8 V ± 0.1 V, VCCQH = 3.3 V ± 0.3 V, TJ = –40°C to +100°C, CL = 50 pF
2.
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond
the maximum rating may affect device reliability or cause permanent damage to the device.
3.
Power-up sequence: During power-up, and throughout the DSP56L307 operation, VCCQH voltage must always be higher or
equal to VCC voltage.
Table 2-2.
Thermal Characteristics
Thermal Resistance Characteristic
Symbol
MAP-BGA
Value
Unit
Junction-to-ambient, natural convection, single-layer board (1s)1,2
RθJA
47
°C/W
Junction-to-ambient, natural convection, four-layer board (2s2p)1,3
RθJMA
25
°C/W
Junction-to-ambient, @200 ft/min air flow, single layer board (1s)1,3
RθJMA
37
°C/W
Junction-to-ambient, @200 ft/min air flow, four-layer board (2s2p)
1,3
RθJMA
22
°C/W
Junction-to-board
4
RθJB
15
°C/W
Junction-to-case thermal resistance5
RθJC
8
°C/W
Junction-to-package-top, natural convection6
Ψ
JT
2
°C/W
Notes:
1.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2.
Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
3.
Per JEDEC JESD51-6 with the board horizontal.
4.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
5.
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
6.
Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com