Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT3603 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT3603
Description  3-Channel LED Driver in 3 x 3 mm Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3603 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT3603 Datasheet HTML 1Page - ON Semiconductor CAT3603 Datasheet HTML 2Page - ON Semiconductor CAT3603 Datasheet HTML 3Page - ON Semiconductor CAT3603 Datasheet HTML 4Page - ON Semiconductor CAT3603 Datasheet HTML 5Page - ON Semiconductor CAT3603 Datasheet HTML 6Page - ON Semiconductor CAT3603 Datasheet HTML 7Page - ON Semiconductor CAT3603 Datasheet HTML 8Page - ON Semiconductor CAT3603 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2010
January, 2010 − Rev. 5
1
Publication Order Number:
CAT3603/D
CAT3603
3-Channel LED Driver in
3 x 3 mm Package
Description
The CAT3603 is a charge pump LED driver operating in either 1x
(LDO) mode or 1.5x fractional mode regulating current through each
of the 3 LED pins. Operation at a constant switching frequency of
1 MHz allows the use of very small value ceramic capacitors.
The CAT3603 drives 3 white LEDs in parallel and provides tightly
matched regulated current to achieve uniform brightness in LCD
backlighting applications. An external resistor, RSET, controls the
output current level. The device can deliver up to 30 mA over an input
voltage supply range from 3 V to 5.5 V, making it ideal for battery−
powered applications.
LED dimming can be accomplished using several methods; using a
DC voltage to set the RSET pin current, applying a PWM signal on the
EN pin, or adding a switched resistor in parallel with RSET. The EN
input pin allows the device to be placed in power−down mode with
“near−zero” quiescent current.
The device is available in the tiny 12−lead thin DFN 3 mm x 3 mm
package with a max height of 0.8 mm.
Features
Drives up to 3 LEDs
Current Setting Resistor
Compatible with Supply Voltage of 3 V to 5.5 V
Power Efficiency up to 91%
Output Current up to 30 mA per LED
Fractional Pump 1x/1.5x
Low Noise Input Ripple
Fixed High Frequency Operation 1 MHz
“Zero” Current Shutdown Mode
Soft Start and Current Limiting
Short Circuit Protection
12−lead TDFN 3 mm x 3 mm Package
This Device is Pb−Free, Halogen Free/BFR Free and RoHS
Compliant
Applications
LCD Display Backlight
Cellular Phones
Digital Still Cameras
Handheld Devices
http://onsemi.com
TDFN−12
HV2 SUFFIX
CASE 511AN
PIN CONNECTIONS
GND
C2+
C2−
C1−
LED1
LED2
LED3
RSET
HABB
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
CAT3603HV2
TDFN−12
(Pb−Free)
Green*
2,000/Tape & Reel
HABB = CAT3603 Device Code
1
(Top View)
C1+
VIN
EN
VOUT
* Lead Finish Matte−Tin


Similar Part No. - CAT3603

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3603 CATALYST-CAT3603 Datasheet
510Kb / 12P
3-Channel LED Driver in 3x3mm Package
CAT3603HV2 CATALYST-CAT3603HV2 Datasheet
510Kb / 12P
3-Channel LED Driver in 3x3mm Package
logo
ON Semiconductor
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
logo
Catalyst Semiconductor
CAT3603HV22 CATALYST-CAT3603HV22 Datasheet
510Kb / 12P
3-Channel LED Driver in 3x3mm Package
CAT3603HV2T CATALYST-CAT3603HV2T Datasheet
510Kb / 12P
3-Channel LED Driver in 3x3mm Package
More results

Similar Description - CAT3603

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR4900 VISHAY-TLDR4900 Datasheet
74Kb / 5P
High Intensity LED in 3 mm Clear Package
04-Feb-99
TLHF4900 VISHAY-TLHF4900 Datasheet
71Kb / 5P
High Intensity LED in 3 mm Clear Package
04-Feb-99
logo
Catalyst Semiconductor
CAT3603 CATALYST-CAT3603 Datasheet
510Kb / 12P
3-Channel LED Driver in 3x3mm Package
logo
Vishay Siliconix
TLHG4900 VISHAY-TLHG4900 Datasheet
325Kb / 11P
High Efficiency LED in ∅ 3 mm Clear Package
31-Aug-04
TLHE4900 VISHAY-TLHE4900_04 Datasheet
170Kb / 6P
High Intensity LED in ∅ 3 mm Clear Package
30-Aug-04
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614_08 Datasheet
217Kb / 13P
4-Channel 1-Wire LED Driver in 3 x 3mm Package
logo
ON Semiconductor
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
197Kb / 13P
4-Channel 1-Wire LED Driver in 3 x 3mm Package
Doc. No. MD-5035, Rev.C
CAT3614 ONSEMI-CAT3614 Datasheet
164Kb / 12P
4-Channel 1-Wire LED Driver in 3 x 3 mm Package
April, 2010 ??Rev. 2
logo
Vishay Siliconix
TLHE4900 VISHAY-TLHE4900_V01 Datasheet
111Kb / 5P
High Intensity LED in ∅ 3 mm Clear Package
20-Sep-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com