Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STE100P Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 1 Page - STMicroelectronics

  STE100P Datasheet HTML 1Page - STMicroelectronics STE100P Datasheet HTML 2Page - STMicroelectronics STE100P Datasheet HTML 3Page - STMicroelectronics STE100P Datasheet HTML 4Page - STMicroelectronics STE100P Datasheet HTML 5Page - STMicroelectronics STE100P Datasheet HTML 6Page - STMicroelectronics STE100P Datasheet HTML 7Page - STMicroelectronics STE100P Datasheet HTML 8Page - STMicroelectronics STE100P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1/31
STE100P
February 2006
1
DESCRIPTION
The STE100P, also referred to as STEPHY1, is a
high performance Fast Ethernet physical layer in-
terface for 10Base-T and 100Base-TX applica-
tions.
It was designed with advanced CMOS technology
to provide a Media Independent Interface (MII) for
easy attachment to 10/100 Media Access Control-
lers (MAC) and a physical media interface for
100Base-TX of IEEE802.3u and 10Base-T of
IEEE802.3.
The STEPHY1 supports both half-duplex and full-
duplex operation, at 10 and 100 Mbps operation.
Its operating mode can be set using auto-negotia-
tion, parallel detection or manual control. It also al-
lows for the support of auto-negotiation functions
for speed and duplex detection.
2FEATURES
2.1
Industry standard
IEEE802.3u 100Base-TX and IEEE802.3
10Base-T compliant
Support for IEEE802.3x flow control
IEEE802.3u Auto-Negotiation support for
10Base-T and 100Base-TX
MII interface
Standard CSMA/CD or full duplex operation
supported
Industrial temperature compliant
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Figure 2. Block Diagram
NRZ To Manchester
Encoder
10 TX
Filter
TRANSMITTER
10/100
Scrambler
Auto
Negotiation
4B/5B
NRZ To NRZI
Encoder
Link Pulse
Generator
Binary To MLT3
Encoder
RECEIVER
10/100
Parallel to
Serial
Descrambler
Code Align
4B/5B
NRZI To NRZ
Decoder
Serial to
Parallel
NRZ To Manchester
Encoder
Link Pulse
Detector
SMART
Squelch
10 TX Filter
Clock Recovery
Clock
Generation
System
Clock
Adaptive
Equalization
BaseLine
Wander
Binary To MLT3
Decoder
Clock Recovery
REGISTERS
HW Config
Power Down
LEDS
RX Channel
TX Channel
TXP
TXN
RXP
RXN
MDC
MDIO
RXD[3:0]
RX_ER
RX_DV
RX_CLK
TX_CLK
TXD[3:0]
TX_ER
TX_EN
LEDS
HW
configuration
pins
10Mb/s
100Mb/s
100Mb/s
10Mb/s
Loopback
Rev. 19
Figure 1. Package
Table 1. Order Codes
(*) ECOPACK® (see
Section 9)
Part Number
Package
STE100P
TQFP64
E-STE100P (*)
TQFP64
TQFP64 (10x10x1.40mm)


Similar Part No. - STE100P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Jan-2000
More results

Similar Description - STE100P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Jan-2000
logo
Mitel Networks Corporat...
NWK933 MITEL-NWK933 Datasheet
141Kb / 18P
3.3V 10/100 Fast Ethernet Transceiver to MII
logo
Zarlink Semiconductor I...
MT933 ZARLINK-MT933 Datasheet
360Kb / 20P
3.3V 10/100 Fast Ethernet Transceiver to MII
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
10/100 FAST ETHERNET PHY TRANSCEIVER
logo
Intel Corporation
LXT9763 INTEL-LXT9763 Datasheet
1Mb / 74P
Fast Ethernet 10/100 Hex Transceiver with Full MII
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
10/100 Fast ethernet 3.3V transceiver
10-Feb-2006
logo
Intel Corporation
LXT971A INTEL-LXT971A Datasheet
650Kb / 90P
3.3V Dual-Speed Fast Ethernet PHY Transceiver
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
Single port 10/100 Fast Ethernet Transceiver
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with RMII
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com