Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74V1G66 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1G66
Description  Single bilateral switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G66 Datasheet(HTML) 1 Page - STMicroelectronics

  74V1G66 Datasheet HTML 1Page - STMicroelectronics 74V1G66 Datasheet HTML 2Page - STMicroelectronics 74V1G66 Datasheet HTML 3Page - STMicroelectronics 74V1G66 Datasheet HTML 4Page - STMicroelectronics 74V1G66 Datasheet HTML 5Page - STMicroelectronics 74V1G66 Datasheet HTML 6Page - STMicroelectronics 74V1G66 Datasheet HTML 7Page - STMicroelectronics 74V1G66 Datasheet HTML 8Page - STMicroelectronics 74V1G66 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
October 2008
Rev 8
1/15
15
74V1G66
Single bilateral switch
Features
■ High speed:
tPD = 0.3 ns (typ.) at VCC = 5 V
tPD = 0.4 ns (typ.) at VCC = 3.3 V
■ Low power dissipation:
ICC = 1 μA (max.) at TA =25°C
■ Low "ON" resistance:
RON =6.5 Ω (typ.) at VCC = 5 V II/O = 1 mA
RON = 8.5 Ω (typ.) at VCC = 3.3 V II/O = 1 mA
■ Sine wave distortion:
0.04% at VCC = 3.3V f = 1kHz
■ Wide operating range:
VCC (opr) = 2 V to 5.5 V
■ Improved latch-up immunity
Description
The 74V1G66 is an advanced high-speed CMOS
single bilateral switch fabricated in silicon gate
C2MOS technology. It achieves high speed
propagation delay and very low ON resistances
while maintaining true CMOS low power
consumption. This bilateral switch handles rail to
rail analog and digital signals that may vary
across the full power supply range (from GND to
VCC).
The C input is provided to control the switch and it
is compatible with standard CMOS outputs. The
switch is ON (port I/O is connected to port O/I)
when the C input is held high and OFF (high
impedance state exists between the two ports)
when C is held low. It can be used in many
applications as battery powered systems or test
equipments.
The 74V1G66 is available in the commercial and
extended temperature range in SOT23-5L and
SOT323-5L packages.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them ESD immunity and transient excess voltage.
SOT323-5L
SOT23-5L
Table 1.
Device summary
Order code
Package
Packaging
74V1G66STR
SOT23-5L
Tape and reel
74V1G66CTR
SOT323-5L
Tape and reel
www.st.com


Similar Part No. - 74V1G66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G66 STMICROELECTRONICS-74V1G66 Datasheet
67Kb / 9P
SINGLE BILATERAL SWITCH
Jun-2000
74V1G66 STMICROELECTRONICS-74V1G66 Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
74V1G66C-TR STMICROELECTRONICS-74V1G66C-TR Datasheet
67Kb / 9P
SINGLE BILATERAL SWITCH
Jun-2000
74V1G66CTR STMICROELECTRONICS-74V1G66CTR Datasheet
67Kb / 9P
SINGLE BILATERAL SWITCH
Jun-2000
74V1G66CTR STMICROELECTRONICS-74V1G66CTR Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
More results

Similar Description - 74V1G66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74H1G66 STMICROELECTRONICS-74H1G66 Datasheet
61Kb / 8P
SINGLE BILATERAL SWITCH
Feb-2000
74V1G66 STMICROELECTRONICS-74V1G66 Datasheet
67Kb / 9P
SINGLE BILATERAL SWITCH
Jun-2000
74V1T66 STMICROELECTRONICS-74V1T66 Datasheet
66Kb / 9P
SINGLE BILATERAL SWITCH
Feb-2000
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
SINGLE BILATERAL ANALOG SWITCH
logo
STMicroelectronics
74V1G66 STMICROELECTRONICS-74V1G66_04 Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
74H1G66 STMICROELECTRONICS-74H1G66_01 Datasheet
202Kb / 10P
SINGLE BILATERAL SWITCH
Jul-2001
74V1T66 STMICROELECTRONICS-74V1T66_04 Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
SINGLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com