Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA015 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA015_10 Datasheet HTML 3Page - STMicroelectronics STA015_10 Datasheet HTML 4Page - STMicroelectronics STA015_10 Datasheet HTML 5Page - STMicroelectronics STA015_10 Datasheet HTML 6Page - STMicroelectronics STA015_10 Datasheet HTML 7Page - STMicroelectronics STA015_10 Datasheet HTML 8Page - STMicroelectronics STA015_10 Datasheet HTML 9Page - STMicroelectronics STA015_10 Datasheet HTML 10Page - STMicroelectronics STA015_10 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
7/56
STA015
Figure 3. Test Circuit
Figure 4. Test Load Circuit
2.0 FUNCTIONAL DESCRIPTION
2.1 Clock Signal
The STA015 input clock is derivated from an external source or from a industry standard crystal oscillator,
generating input frequencies of 10, 14.31818 or 14.7456 MHz.
Other frequencies may be supported upon request to STMicroelectronics. Each frequency is supported
by downloading a specific configuration file, provided by STM XTI is an input Pad with specific levels.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
VDD-1.8
V
VIH
High Level Input Voltage
VDD-0.8
V
VDD
100nF
1
2
VDD
100nF
14
13
VSS
VDD
100nF
16
15
VDD
100nF
23
22
VSS
VSS
VSS
17
18
28
26
RESET
24
TESTEN
OUT_CLK/DATA_REQ
VDD
PVSS
PVDD
100nF
4.7
µF
4.7
µF
PVDD
PVSS
VSS
10K
1K
4.7nF
PVSS
470pF
19
20
21
8
7
6
5
12
11
10
9
4
3
XTO
XTI
SCR_INT
27
LRCK_ADC
BIT_EN
25
SDI_ADC
SCKR
SDI
OCLK
LRCKT
SCKT
SDO
SCL
SDA
D00AU1143
IOL
IOH
CL
VREF
VDD
OUTPUT
D98AU967
Test Load
Output
IOL
IOH
CL
VREF
SDA
1mA
100pF
3.6V
Other Outputs
100
µA 100µA 100pF
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com