Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND670SP Datasheet(PDF) 8 Page - STMicroelectronics

Part # VND670SP
Description  Dual high-side switch with dual Power MOSFET gate driver(bridge configuration)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND670SP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VND670SP Datasheet HTML 4Page - STMicroelectronics VND670SP Datasheet HTML 5Page - STMicroelectronics VND670SP Datasheet HTML 6Page - STMicroelectronics VND670SP Datasheet HTML 7Page - STMicroelectronics VND670SP Datasheet HTML 8Page - STMicroelectronics VND670SP Datasheet HTML 9Page - STMicroelectronics VND670SP Datasheet HTML 10Page - STMicroelectronics VND670SP Datasheet HTML 11Page - STMicroelectronics VND670SP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical specifications
VND670SP
8/20
Table 7.
Protection and diagnostic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VUSD
Undervoltage shutdown
5.5
V
VOV
Overvoltage shutdown
36
43
V
ILIM
Current limitation
30
45
A
TTSD
Thermal shutdown
temperature
VIN = 3.25 V
150
170
200
°C
Vocl
Output turn-off clamp
voltage
ILOAD = 12A, L = 6mH
VCC-
55
VCC-
41
V
Vsat
External MOSFET
saturation voltage
detection threshold
2.5
4.2
5.5
V
Table 8.
PWM
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vpwl
PWM low level voltage
1.5
V
Ipwl
PWM pin current
Vpw = 1.5V
1
µA
Vpwh
PWM high level voltage
3.25
V
Ipwh
PWM pin current
Vpw = 3.25V
10
µA
Vpwhhyst
PWM hysteresis
voltage
0.5
V
Vpwcl
PWM clamp voltage
Ipw = 1 mA
Ipw = -1 mA
VCC+0.3
-5.0
VCC+0.7
-3.5
VCC+1.0
-2.0
V
V
Vpwtest
Test mode PWM pin
voltage
-3.5
-2.0
-0.5
V
Ipwtest
Test mode PWM pin
current
Vpwtest = -2.0 V
-2000
-500
µA
Table 9.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
1.5
V
IINL
Input current
VIN = 1.5 V
1
µA
VIH
Input high level voltage
3.25
V
IINH
Input current
VIN = 3.25 V
10
µA
VIHYST
Input hysteresis voltage
0.5
V
VICL
Input clamp voltage
IIN=1mA
IIN=-1mA
6.0
-1.0
6.8
-0.7
8.0
-0.3
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com