Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T94MQ6F Datasheet(PDF) 15 Page - STMicroelectronics

Part # M41T94MQ6F
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MQ6F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M41T94MQ6F Datasheet HTML 11Page - STMicroelectronics M41T94MQ6F Datasheet HTML 12Page - STMicroelectronics M41T94MQ6F Datasheet HTML 13Page - STMicroelectronics M41T94MQ6F Datasheet HTML 14Page - STMicroelectronics M41T94MQ6F Datasheet HTML 15Page - STMicroelectronics M41T94MQ6F Datasheet HTML 16Page - STMicroelectronics M41T94MQ6F Datasheet HTML 17Page - STMicroelectronics M41T94MQ6F Datasheet HTML 18Page - STMicroelectronics M41T94MQ6F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
M41T94
Operation
15/41
3.2
Read and write cycles
Address and data are shifted MSB first into the serial data input (SDI) and out of the serial
data output (SDO). Any data transfer considers the first bit to define whether a READ or
WRITE will occur. This is followed by seven bits defining the address to be read or written.
Data is transferred out of the SDO for a READ operation and into the SDI for a WRITE
operation. The address is always the second through the eighth bit written after the Enable
(E) pin goes low. If the first bit is a '1,' one or more WRITE cycles will occur. If the first bit is a
'0,' one or more READ cycles will occur (see Figure Figure 9 on page 16 and Figure 10 on
page 16).
Data transfers can occur one byte at a time or in multiple byte burst mode, during which the
address pointer will be automatically incremented. For a single byte transfer, one byte is
read or written and then E is driven high. For a multiple byte transfer all that is required is
that E continue to remain low. Under this condition, the address pointer will continue to
increment as stated previously. Incrementing will continue until the device is deselected by
taking E high. The address will wrap to 00h after incrementing to 3Fh.
The system-to-user transfer of clock data will be halted whenever the address being read is
a clock address (00h to 07h). Although the clock continues to maintain the correct time, this
will prevent updates of time and date during either a READ or WRITE of these address
locations by the user. The update will resume either due to a deselect condition or when the
pointer increments to an non-clock or RAM address (08h to 3Fh).
Note:
This is true both in READ and WRITE mode.
3.3
Data retention mode
With valid VCC applied, the M41T94 can be accessed as described above with READ or
WRITE cycles. Should the supply voltage decay, the M41T94 will automatically deselect,
write protecting itself when VCC falls between VPFD (max) and VPFD (min) (see Figure 17 on
page 31). At this time, the reset pin (RST) is driven active and will remain active until VCC
returns to nominal levels. When VCC falls below the switchover voltage (VSO), power input is
switched from the VCC pin to the SNAPHAT battery (or external battery for SO16) at this
time, and the clock registers are maintained from the attached battery supply. All outputs
become high impedance. On power-up, when VCC returns to a nominal value, write
protection continues for tREC by internally inhibiting E. The RST signal also remains active
during this time (see Figure 17 on page 31). Before the next active cycle, chip enable should
be taken high for at least tEHEL, then low.
For a further more detailed review of battery lifetime calculations, please see application
note AN1012.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com