Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSM2180F3-90T6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # DSM2180F3-90T6
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3-90T6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button DSM2180F3-90T6 Datasheet HTML 7Page - STMicroelectronics DSM2180F3-90T6 Datasheet HTML 8Page - STMicroelectronics DSM2180F3-90T6 Datasheet HTML 9Page - STMicroelectronics DSM2180F3-90T6 Datasheet HTML 10Page - STMicroelectronics DSM2180F3-90T6 Datasheet HTML 11Page - STMicroelectronics DSM2180F3-90T6 Datasheet HTML 12Page - STMicroelectronics DSM2180F3-90T6 Datasheet HTML 13Page - STMicroelectronics DSM2180F3-90T6 Datasheet HTML 14Page - STMicroelectronics DSM2180F3-90T6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
11/63
DSM2180F3
TYPICAL CONNECTIONS
Figure 6 shows a typical connection scheme.
Many connection possibilities exist since most
DSM pins are multipurpose. The scheme illustrat-
ed is ideal for a design that needs fast JTAG ISP,
Eight additional general I/O with PLD capability,
access to Flash memory as Byte DMA or as Data
Overlay memory, and the DSP uses Power Down
mode. If your design needs more I/O, or Byte DMA
access to Flash memory is all that is needed (no
Data Overlay), or lowest power consumption is not
an issue, then consider the following options.
Port C JTAG: Figure 6 shows all six JTAG sig-
nals in use full time (not multiplexed with I/0). Us-
ing six-pin JTAG can reduce ISP time by as much
as 30% compared to four-pin JTAG. Alternatively,
four-pin JTAG (TMS, TCK, TDI, TDO) can be used
if more general I/O pins are needed and the few
extra seconds of programming time is not crucial,
freeing up pins PC3 and PC4. Other JTAG options
include mutiplexing JTAG pins with general I/O
(see “Programming In-Circuit using JTAG ISP” on
page 41 and Application Note AN1153) or not us-
ing JTAG at all. If no JTAG is used, the DSM de-
vice has to be programmed on a conventional
programmer before it is installed on the circuit
board. Using no JTAG makes more I/O available.
Pin PD1. If Flash memory will be accessed only
using Byte DMA mode in your design, and no ex-
ternal Data Overlay memory accesses are used,
then pin PD1 can be used for other purposes
(MCUI/O, common CPLD clock input, external
chip select, or PLD input)
Pin PD2. If the DSP will not use Power Down
mode, then PD2 can be used for other purposes
(MCUI/O, external chip select, PLD input)
Pins PC2 and PC7. In Figure 6, these two pins
are used as dedicated address inputs connected
to DSP address outputs. This will route DSP ad-
dress signals A16 and A17 directly into the DPLD.
Be aware that any free pin on Port B, Port C, or
Port D may be used for DSP address inputs, it
does not have to be pins PC2 and PC7.
Pin PB0. This pin is shown as a chip select for an
external peripheral device such as a 16450 or
16550 UART. Equivalently, any free pin on Ports
B, C, or D may be used for this.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com