Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4872IJT Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS4872IJT
Description  RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4872IJT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS4872IJT Datasheet HTML 21Page - STMicroelectronics TS4872IJT Datasheet HTML 22Page - STMicroelectronics TS4872IJT Datasheet HTML 23Page - STMicroelectronics TS4872IJT Datasheet HTML 24Page - STMicroelectronics TS4872IJT Datasheet HTML 25Page - STMicroelectronics TS4872IJT Datasheet HTML 26Page - STMicroelectronics TS4872IJT Datasheet HTML 27Page - STMicroelectronics TS4872IJT Datasheet HTML 28Page - STMicroelectronics TS4872IJT Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TS4872
25/29
Application n°4 : Differential inputs BTL power
amplifier.
In this configuration, we need to place these
components : R1, R4, R5, R6, R7, C4, C5, C12.
We have also : R4 = R5, R1 = R6, C4 = C5.
The gain of the amplifier is :
For a 20Hz to 20kHz bandwidth and 6dB gain BTL
power amplifier you could follow the bill of material
below.
Components :
■ Note on how to use the PSRR curves
(page 8)
We have finished a design and we have chosen
the components :
■ Rin=Rfeed=22kΩ
■ Cin=100nF
■ Cb=1µF
Now, on fig. 13, we can see the PSRR (input
grounded) vs frequency curves. At 217Hz we have
a PSRR value of -36dB.
In reality we want a value about -70dB. So, we
need a gain of 34dB !
Now, on fig. 12 we can see the effect of Cb on the
PSRR (input grounded) vs. frequency. With
Cb=100
µF, we can reach the -70dB value.
The process to obtain the final curve (Cb=100µF,
Cin=100nF, Rin=Rfeed=22k
Ω) is a simple transfer
point by point on each frequency of the curve on
fig. 13 to the curve on fig. 12.
The measurement results is shown on figure 84.
C10
Short Circuit
C12
1
µF
S1, S2, S6, S7
2mm insulated Plug
10.16mm pitch
S8
2 pts connector 2.54mm
pitch
J1
SMB Plug
U1
TS4872IJ
Designator
Part Type
R1
22k / 0.125W
R4
22k / 0.125W
R5
22k / 0.125W
R6
22k / 0.125W
R7
330k / 0.125W
C4
470nF
C5
470nF
Designator
Part Type
GVDIFF = 2
R1
R4
-------- (Pos. Input - Neg.Input)
C6
100
µF
C7
100nF
C9
Short Circuit
C10
Short Circuit
C12
1
µF
S1, S2, S6, S7
2mm insulated Plug
10.16mm pitch
S8
2 pts connector 2.54mm
pitch
J1, J3
SMB Plug
U1
TS4872IJ
Designator
Part Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com