Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324J4T3 Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST72F324J4T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J4T3 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST72F324J4T3 Datasheet HTML 137Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 138Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 139Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 140Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 141Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 142Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 143Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 144Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 164 page
background image
ST72324Jx ST72324Kx
141/164
COMMUNICATION INTERFACE CHARACTERISTICS (Cont’d)
Figure 81. SPI Slave Timing Diagram with CPHA=11)
Figure 82. SPI Master Timing Diagram 1)
Notes:
1. Measurement points are done at CMOS levels: 0.3xVDD and 0.7xVDD.
2. When no communication is on-going the data output line of the SPI (MOSI in master mode, MISO in slave mode) has
its alternate function capability released. In this case, the pin status depends of the I/O port configuration.
SS INPUT
CPHA=1
MOSI INPUT
MISO OUTPUT
CPHA=1
tw(SCKH)
tw(SCKL)
tr(SCK)
tf(SCK)
ta(SO)
tsu(SI)
th(SI)
MSB OUT
BIT6 OUT
LSB OUT
see
CPOL=0
CPOL=1
tsu(SS)
th(SS)
tdis(SO)
th(SO)
see
note 2
note 2
tc(SCK)
HZ
tv(SO)
MSB IN
LSB IN
BIT1 IN
SS INPUT
CPHA=0
MOSI OUTPUT
MISO INPUT
CPHA=0
CPHA=1
CPHA=1
tc(SCK)
tw(SCKH)
tw(SCKL)
th(MI)
tsu(MI)
tv(MO)
th(MO)
MSB IN
MSB OUT
BIT6 IN
BIT6 OUT
LSB OUT
LSB IN
seenote2
seenote2
CPOL=0
CPOL=1
CPOL=0
CPOL=1
tr(SCK)
tf(SCK)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com